Electronic Components Datasheet Search
  English  ▼

X  

T30201 Datasheet(PDF) 2 Page - United Automation Ltd. All rights reserved

Part # T30201
Description  150kW (210A), 180kW (250A), 415V Three Phase Burst Fire Power Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved

T30201 Datasheet(HTML) 2 Page - United Automation Ltd. All rights reserved

  T30201 Datasheet HTML 1Page - United Automation Ltd. All rights reserved T30201 Datasheet HTML 2Page - United Automation Ltd. All rights reserved T30201 Datasheet HTML 3Page - United Automation Ltd. All rights reserved T30201 Datasheet HTML 4Page - United Automation Ltd. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
X10759 HVAC | HEATER BATTERY CONTROLLER
PR3-E SERIES
150kW (210A), 180kW (250A), 415V
Three Phase Burst Fire Power Controller
BMF House - Wight Moss Way,
Southport Business Park
Southport PR8 4HQ
ENGLAND, UNITED KINGDOM
Contact Us:
0044 (0) 1704-516 501
enquiries@united-automation.com
www.united-automation.com
unitedautomationltd
UA_Limited
1 July 2025 | Issue: 6
Page
2 of 4
INSTALLATION
Cooling Requirements
This robust stack assembly has an operational temperature of 65°C when naturally cooled
and has a built in 90°C over temperature trip on the heatsink as a safety feature. The unit
should be mounted vertically, with heatsink fins top to bottom, and with sufficient surrounding
air space to maximise natural convection cooling. If the unit is mounted in an enclosure or
cabinet, adequate ventilation and/or forced air-cooling should be fitted. This PR3-E – range
have forced air cooling fans fitted, which are designed to be permanently “on” when in use.
Load considerations
The PR3 series of power controllers are designed for 3-wire, 3-phase floating-star or closed
delta configured resistive loads. The PR3 series are 2-leg thyristor controllers and therefore
unsuitable for 4-wire, 3-phase with star point to neutral configured loads. For further
information on configured loads, see the ‘Application circuits’ section of our supporting
datasheet – APC (ref. X10322).
Unusual heating loads such as Molybdenum, Platinum or Tungsten have a typical 10:1 hot-
to-cold resistance ratio and therefore, when cold, draw larger currents than normal.
Connections
This unit has Power terminals and simple clamp type terminal connectors for all auxiliary
wiring requirements (see SPECIFICATIONS below).
NOTE: It is factory set for an internal power supply. For alternative ‘voltage free’ alarm supply
details see Functions section. Please contact our Technical support for further details.
SAFETY WARNING – Isolate supply before removing cover; Metal parts, in particular the
heatsink, may get very hot when the unit is fully operational;
DO NOT COVER enclosure
ventilation slots.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com