Electronic Components Datasheet Search
  English  ▼

X  

SWPA252012S Datasheet(PDF) 6 Page - Shenzhen Sunlord Electronics Co., Ltd

Part # SWPA252012S
Description  Wire Wound SMD Power Inductors - SWPA Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLORD [Shenzhen Sunlord Electronics Co., Ltd]
Direct Link  https://www.sunlordinc.com/
Logo SUNLORD - Shenzhen Sunlord Electronics Co., Ltd

SWPA252012S Datasheet(HTML) 6 Page - Shenzhen Sunlord Electronics Co., Ltd

Back Button SWPA252012S Datasheet HTML 2Page - Shenzhen Sunlord Electronics Co., Ltd SWPA252012S Datasheet HTML 3Page - Shenzhen Sunlord Electronics Co., Ltd SWPA252012S Datasheet HTML 4Page - Shenzhen Sunlord Electronics Co., Ltd SWPA252012S Datasheet HTML 5Page - Shenzhen Sunlord Electronics Co., Ltd SWPA252012S Datasheet HTML 6Page - Shenzhen Sunlord Electronics Co., Ltd SWPA252012S Datasheet HTML 7Page - Shenzhen Sunlord Electronics Co., Ltd SWPA252012S Datasheet HTML 8Page - Shenzhen Sunlord Electronics Co., Ltd SWPA252012S Datasheet HTML 9Page - Shenzhen Sunlord Electronics Co., Ltd SWPA252012S Datasheet HTML 10Page - Shenzhen Sunlord Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Specifications subject to change without notice. Please check our website for latest information.
Revised 2014/04/15
Sunlord Industrial Park, Dafuyuan Industrial Zone, Guanlan, Shenzhen, China 518110 Tel: 0086-755-29832660 Fax: 0086-755-82269029 E-Mail: sunlord@sunlordinc.com
Sunlord
SPECIFICATIONS
SWPA4010S Series
Part Number
Inductance
@100kHz,1V
DC Resistance
(±30%)
Min.
Self-resonant
Frequency
Saturation
Current
Heat Rating
Current
Units
μH
Ω
MHz
A
A
Symbol
L
DCR
S.R.F
Isat
Irms
SWPA4010S1R0NT
1.0±30%
0.056
116
2.00
1.90
SWPA4010S1R5NT
1.5±30%
0.070
94
1.68
1.70
SWPA4010S2R2MT
2.2±20%
0.085
73
1.20
1.50
SWPA4010S3R3MT
3.3±20%
0.100
58
1.10
1.40
SWPA4010S4R7MT
4.7±20%
0.140
47
0.95
1.20
SWPA4010S6R8MT
6.8±20%
0.200
38
0.80
1.00
SWPA4010S100MT
10±20%
0.300
31
0.62
0.75
SWPA4010S150MT
15±20%
0.430
24
0.54
0.60
SWPA4010S220MT
22±20%
0.570
19
0.45
0.50
SWPA4012S Series
Part Number
Inductance
@100kHz,1V
DC Resistance
(±30%)
Min.
Self-resonant
Frequency
Saturation
Current
Heat Rating
Current
Units
μH
Ω
MHz
A
A
Symbol
L
DCR
S.R.F
Isat
Irms
SWPA4012SR82NT
0.82±30%
0.050
150
3.02
1.65
SWPA4012S1R0NT
1.0±30%
0.050
120
2.61
1.65
SWPA4012S1R5NT
1.5±30%
0.065
90
2.10
1.46
SWPA4012S1R8NT
1.8±30%
0.080
88
2.12
1.32
SWPA4012S2R2NT
2.2±30%
0.080
74
1.76
1.32
SWPA4012S2R7NT
2.7±30%
0.090
71
1.90
1.25
SWPA4012S3R3NT
3.3±30%
0.110
60
1.72
1.12
SWPA4012S3R6NT
3.6±30%
0.110
57
1.20
1.12
SWPA4012S4R3NT
4.3±30%
0.140
54
1.58
1.00
SWPA4012S4R7NT
4.7±30%
0.125
50
1.15
1.05
SWPA4012S5R1NT
5.1±30%
0.155
50
1.55
0.95
SWPA4012S5R6NT
5.6±30%
0.140
42
1.00
1.00
SWPA4012S6R8MT
6.8±20%
0.198
40
0.85
0.84
SWPA4012S100MT
10±20%
0.265
33
0.80
0.77
SWPA4012S120MT
12±20%
0.290
32
0.66
0.70
SWPA4012S150MT
15±20%
0.340
25
0.56
0.64
SWPA4012S180MT
18±20%
0.470
23
0.55
0.55
SWPA4012S220MT
22±20%
0.587
20
0.46
0.49
SWPA4012S270MT
27±20%
0.720
18
0.50
0.45
SWPA4012S330MT
33±20%
0.810
17
0.42
0.42
SWPA4012S360MT
36±20%
0.900
14
0.40
0.40
SWPA4012S390MT
39±20%
1.100
16
0.55
0.37
SWPA4012S470MT
47±20%
1.100
12
0.35
0.37
SWPA4012S560MT
56±20%
1.250
11
0.33
0.33
SWPA4012S680MT
68±20%
1.950
11
0.38
0.27
SWPA4012S820MT
82±20%
2.140
11
0.28
0.26
SWPA4012S101MT
100±20%
2.210
9.4
0.25
0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com