Electronic Components Datasheet Search
  English  ▼

X  

LP2981-29DBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP2981-29DBVR
Description  100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2981-29DBVR Datasheet(HTML) 2 Page - Texas Instruments

  LP2981-29DBVR Datasheet HTML 1Page - Texas Instruments LP2981-29DBVR Datasheet HTML 2Page - Texas Instruments LP2981-29DBVR Datasheet HTML 3Page - Texas Instruments LP2981-29DBVR Datasheet HTML 4Page - Texas Instruments LP2981-29DBVR Datasheet HTML 5Page - Texas Instruments LP2981-29DBVR Datasheet HTML 6Page - Texas Instruments LP2981-29DBVR Datasheet HTML 7Page - Texas Instruments LP2981-29DBVR Datasheet HTML 8Page - Texas Instruments LP2981-29DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.ti.com
LP2981
100-mA ULTRA-LOW DROPOUT REGULATOR
WITH SHUTDOWN
SLVS521E – JULY 2004 – REVISED MARCH 2008
ORDERING INFORMATION(1)
VOUT
ORDERABLE
TOP-SIDE
TJ
PART GRADE
PACKAGE(2)
(NOM)
PART NUMBER
MARKING(3)
Reel of 3000
LP2981A-28DBVR
2.8 V
LP6_
Reel of 250
LP2981A-28DBVT
Reel of 3000
LP2981A-29DBVR
2.9 V
LRB_
Reel of 250
LP2981A-29DBVT
Reel of 3000
LP2981A-30DBVR
A grade:
3 V
LP8_
0.75% tolerance
Reel of 250
LP2981A-30DBVT
Reel of 3000
LP2981A-33DBVR
3.3 V
LPC_
Reel of 250
LP2981A-33DBVT
Reel of 3000
LP2981A-50DBVR
5 V
LPE_
Reel of 250
LP2981A-50DBVT
–40
°C to 125°C
SOT-23-5 – DBV
Reel of 3000
LP2981-28DBVR
2.8 V
LP5_
Reel of 250
LP2981-28DBVT
Reel of 3000
LP2981-29DBVR
2.9 V
LP3_
Reel of 250
LP2981-29DBVT
Reel of 3000
LP2981-30DBVR
Standard grade:
3 V
LP7_
1.25% tolerance
Reel of 250
LP2981-30DBVT
Reel of 3000
LP2981-33DBVR
3.3 V
LPB_
Reel of 250
LP2981-33DBVT
Reel of 3000
LP2981-50DBVR
5 V
LPD_
Reel of 250
LP2981-50DBVT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
The actual top-side marking has one additional character that designates the wafer fab/assembly site.
2
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com