Electronic Components Datasheet Search
  English  ▼

X  

SD1127 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # SD1127
Description  RF & MICROWAVE TRANSISTORS VHF FM MOBILE APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

SD1127 Datasheet(HTML) 2 Page - Advanced Power Technology

  SD1127 Datasheet HTML 1Page - Advanced Power Technology SD1127 Datasheet HTML 2Page - Advanced Power Technology SD1127 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD1127 – RevB 2/06
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
SD1127
ELECTRICAL SPECIFICATIONS (Tcase = 25
°C)
STATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCES
IC = 5 mA
VBE = 0
36
---
---
V
BVCEO
IC = 10 mA
IB = 0
18
---
---
V
BVEBO
IE = 1 mA
IC = 0
4.0
---
---
V
ICBO
VCB = 15.0 V
IE = 0
---
---
.25
mA
HFE
VCE = 5.0 V
IC = 50 mA
10
---
100
---
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
POUT
f =175 MHz
VCE =12.5 V
4.0
---
---
W
GPE
f =175 MHz
VCE =12.5 V
12.0
---
---
dB
Cob
f =1 MHz
VCE =15.0 V
---
---
20.0
pf
IMPEDANCE DATA
FREQ
ZIN(
Ω)
ZCL(
Ω)
136 MHz
3.0 – j3.8
12.8 – j11
155 MHz
4.0 – j2.0
11 – j14.8
175 MHz
4.3 – j5.8
13 – j20
PIN = 0.2W
VCC = 12.6V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com