Electronic Components Datasheet Search
  English  ▼

X  

SC5840 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # SC5840
Description  2.92mm Female Bulkhead Precision Connector Clamp/Solder Attachment For RG405 Cable , .235 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC5840 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  SC5840 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC5840 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC5840 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1130 Junction Dr. #100 Allen, TX 75013 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
• *Connector Interface in compliance with Figure G.4. Except Conductor Tolerances and Contact Recession.
2.92mm Female Bulkhead Precision Connector Clamp/Solder Attachment For RG405 Cable , .235 inch D Hole from Fairview
Microwave is in-stock and available to ship same-day. All of our RF/microwave products are available off-the-shelf from our
ISO 9001:2008 certified facilities in Allen, Texas. Fairview Microwave is RF on-demand.
For additional information on this product, please click the following link: 2.92mm Female Bulkhead Precision Connector
Clamp/Solder Attachment For RG405 Cable , .235 inch D Hole SC5840
URL: http://www.fairviewmicrowave.com/2.92mm-female-standard-rg405-connector-sc5840-p.aspx
SC5840
DATA SHEET
Copyright © 2014
REV 1 Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com