Electronic Components Datasheet Search
  English  ▼

X  

SN54ALS02A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ALS02A
Description  QUADRUPLE 2-INPUT POSITIVE-NOR GATES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALS02A Datasheet(HTML) 4 Page - Texas Instruments

  SN54ALS02A Datasheet HTML 1Page - Texas Instruments SN54ALS02A Datasheet HTML 2Page - Texas Instruments SN54ALS02A Datasheet HTML 3Page - Texas Instruments SN54ALS02A Datasheet HTML 4Page - Texas Instruments SN54ALS02A Datasheet HTML 5Page - Texas Instruments SN54ALS02A Datasheet HTML 6Page - Texas Instruments SN54ALS02A Datasheet HTML 7Page - Texas Instruments SN54ALS02A Datasheet HTML 8Page - Texas Instruments SN54ALS02A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN54ALS02A, SN54AS02, SN74ALS02A, SN74AS02
QUADRUPLE 2INPUT POSITIVENOR GATES
SDAS111B − APRIL 1982 − REVISED DECEMBER 1994
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX†
UNIT
(INPUT)
(OUTPUT)
SN54AS02
SN74AS02
MIN
MAX
MIN
MAX
tPLH
A or B
Y
1
6
1
4.5
ns
tPHL
A or B
Y
1
5
1
4.5
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com