Electronic Components Datasheet Search
  English  ▼

X  

MSP430F149 Datasheet(PDF) 24 Page - Texas Instruments

Part # MSP430F149
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F149 Datasheet(HTML) 24 Page - Texas Instruments

Back Button MSP430F149 Datasheet HTML 20Page - Texas Instruments MSP430F149 Datasheet HTML 21Page - Texas Instruments MSP430F149 Datasheet HTML 22Page - Texas Instruments MSP430F149 Datasheet HTML 23Page - Texas Instruments MSP430F149 Datasheet HTML 24Page - Texas Instruments MSP430F149 Datasheet HTML 25Page - Texas Instruments MSP430F149 Datasheet HTML 26Page - Texas Instruments MSP430F149 Datasheet HTML 27Page - Texas Instruments MSP430F149 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
24
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
SLAS272H – JULY 2000 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Specifications
Copyright © 2000–2018, Texas Instruments Incorporated
(1)
The DCO frequency may not exceed the maximum system frequency defined by the processor frequency parameter, fSYSTEM.
(2)
This parameter is not production tested.
5.18 DCO Frequency
(1)
over recommended operating supply voltage and free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fDCO(03)
Rsel = 0, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
2.2 V, 3 V
0.08
0.12
0.15
MHz
0.08
0.13
0.16
fDCO(13)
Rsel = 1, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
2.2 V, 3 V
0.14
0.19
0.23
MHz
0.14
0.18
0.22
fDCO(23)
Rsel = 2, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
2.2 V, 3 V
0.22
0.30
0.36
MHz
0.22
0.28
0.34
fDCO(33)
Rsel = 3, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
2.2 V, 3 V
0.37
0.49
0.59
MHz
0.37
0.47
0.56
fDCO(43)
Rsel = 4, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
2.2 V, 3 V
0.61
0.77
0.93
MHz
0.61
0.75
0.90
fDCO(53)
Rsel = 5, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
2.2 V, 3 V
1
1.2
1.5
MHz
1
1.3
1.5
fDCO(63)
Rsel = 6, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
2.2 V, 3 V
1.6
1.9
2.2
MHz
1.69
2.0
2.29
fDCO(73)
Rsel = 7, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
2.2 V, 3 V
2.4
2.9
3.4
MHz
2.7
3.2
3.65
fDCO(47)
Rsel = 4, DCO = 7, MOD = 0, DCOR = 0, TA = 25°C
2.2 V, 3 V
fDCO40
× 1.7
fDCO40
× 2.1
fDCO40
× 2.5
MHz
fDCO(77)
Rsel = 7, DCO = 7, MOD = 0, DCOR = 0, TA = 25°C
2.2 V, 3 V
4
4.5
4.9
MHz
4.4
4.9
5.4
SRsel
SRsel = fRsel+1 / fRsel
2.2 V, 3 V
1.35
1.65
2
SDCO
SDCO = fDCO+1 / fDCO
2.2 V, 3 V
1.07
1.12
1.16
Dt
Temperature drift(2), Rsel = 4, DCO = 3, MOD = 0
2.2 V, 3 V
–0.31
–0.36
–0.40
%/°C
–0.33
–0.38
–0.43
DV
Drift with VCC variation
(2), Rsel = 4, DCO = 3, MOD = 0
2.2 V, 3 V
0
5
10
%/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com