Electronic Components Datasheet Search
  English  ▼

X  

MSP430F149IPM Datasheet(PDF) 18 Page - Texas Instruments

Part # MSP430F149IPM
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F149IPM Datasheet(HTML) 18 Page - Texas Instruments

Back Button MSP430F149IPM Datasheet HTML 14Page - Texas Instruments MSP430F149IPM Datasheet HTML 15Page - Texas Instruments MSP430F149IPM Datasheet HTML 16Page - Texas Instruments MSP430F149IPM Datasheet HTML 17Page - Texas Instruments MSP430F149IPM Datasheet HTML 18Page - Texas Instruments MSP430F149IPM Datasheet HTML 19Page - Texas Instruments MSP430F149IPM Datasheet HTML 20Page - Texas Instruments MSP430F149IPM Datasheet HTML 21Page - Texas Instruments MSP430F149IPM Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
18
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
SLAS272H – JULY 2000 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Specifications
Copyright © 2000–2018, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics.
(2)
These values are based on a JEDEC-defined 2S2P system (with the exception of the Theta JC (RθJC) value, which is based on a
JEDEC-defined 1S0P system) and will change based on environment and application. For more information, see these EIA/JEDEC
standards:
•
JESD51-2, Integrated Circuits Thermal Test Method Environmental Conditions - Natural Convection (Still Air)
•
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-9, Test Boards for Area Array Surface Mount Package Thermal Measurements
(3)
N/A = not applicable
5.5
Thermal Resistance Characteristics
over recommended operating supply voltage and free-air temperature (unless otherwise noted)
THERMAL METRIC(1)
VALUE(2)
UNIT
64-PIN
PM
64-PIN
PAG
64-PIN
RTD
RθJA
Junction-to-ambient thermal resistance, still air
52.0
52.7
25.0
°C/W
RθJC(TOP)
Junction-to-case (top) thermal resistance
14.4
11.2
14.2
°C/W
RθJB
Junction-to-board thermal resistance
23.0
23.4
9.6
°C/W
ΨJB
Junction-to-board thermal characterization parameter
22.7
23.1
9.5
°C/W
ΨJT
Junction-to-top thermal characterization parameter
0.6
0.3
0.2
°C/W
RθJC(BOTTOM)
Junction-to-case (bottom) thermal resistance
N/A(3)
N/A(3)
1.3
°C/W
5.6
Schmitt-Trigger Inputs – Ports P1, P2, P3, P4, P5, and P6
over recommended operating supply voltage and free-air temperature (unless otherwise noted)
PARAMETER
VCC
MIN
MAX
UNIT
VIT+
Positive-going input threshold voltage
2.2 V
1.1
1.5
V
3 V
1.5
1.9
VIT–
Negative-going input threshold voltage
2.2 V
0.4
0.9
V
3 V
0.9
1.3
Vhys
Input voltage hysteresis (VIT+ – VIT–)
2.2 V
0.3
1.1
V
3 V
0.5
1
5.7
Standard Inputs – RST/NMI, JTAG (TCK, TMS, TDI/TCLK, TDO/TDI)
over recommended operating supply voltage and free-air temperature (unless otherwise noted)
PARAMETER
VCC
MIN
MAX
UNIT
VIL
Low-level input voltage
2 2 V, 3 V
VSS
VSS + 0.6
V
VIH
High-level input voltage
0.8 × VCC
VCC
V
(1)
The external signal sets the interrupt flag every time the minimum t(int) cycle and time parameters are met. It may be set even with
trigger signals shorter than t(int). Both the cycle and timing specifications must be met to ensure the flag is set. t(int) is measured in MCLK
cycles.
(2)
Seven Timer_B capture/compare registers in MSP430F14x and MSP430F14x devices, and three Timer_B capture/compare registers in
MSP430F13x devices.
5.8
Inputs – Px.y, TAx, TBx
over recommended operating supply voltage and free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
t(int)
External interrupt timing
Port P1.x and P2.x, External trigger pulse
duration to set interrupt flag(1)
2.2 V, 3 V
1.5
cycle
2.2 V
62
ns
3 V
50
t(cap)
Timer A or Timer B capture timing
TA0, TA1, TA2,
TB0, TB1, TB2, TB3, TB4, TB5, TB6(2)
2.2 V
62
ns
3 V
50
f(TAext),
f(TBext)
Timer_A or Timer_B clock frequency
externally applied to pin
TACLK, TBCLK, INCLK: t(H)= t(L)
2.2 V
8
MHz
3 V
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com