Electronic Components Datasheet Search
  English  ▼

X  

ST485CN Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST485CN
Description  Low power RS-485/RS-422 transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485CN Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST485CN Datasheet HTML 2Page - STMicroelectronics ST485CN Datasheet HTML 3Page - STMicroelectronics ST485CN Datasheet HTML 4Page - STMicroelectronics ST485CN Datasheet HTML 5Page - STMicroelectronics ST485CN Datasheet HTML 6Page - STMicroelectronics ST485CN Datasheet HTML 7Page - STMicroelectronics ST485CN Datasheet HTML 8Page - STMicroelectronics ST485CN Datasheet HTML 9Page - STMicroelectronics ST485CN Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
ST485B - ST485C
6/19
4
Electrical characteristics
Table 6.
DC electrical characteristics
VCC = 5 V ± 5 %, TA = TMIN to TMAX, unless otherwise specified. Typical values are referred
to TA = 25 °C)
Symbol
Parameter
Test conditions (1)
Value
Unit
-40 to 85 °C
-55 to 125 °C
Min.
Typ.
Max.
Min.
Max.
VOD1
Differential driver output
(no load)
55
V
VOD2
Differential driver output
(with load)
RL = 27Ω (RS-485) Figure 2
RL = 50Ω (RS-422) Figure 2
1.5
5
5
1.4
5
5
V
V
ΔVOD
Change in magnitude of
driver differential output
voltage for complementary
output states
RL = 27Ω or 50Ω Figure 2
0.2
0.2
V
VOC
Driver common-mode
output voltage
RL = 27Ω or 50Ω Figure 2
33
V
ΔVOC
Change in magnitude of
driver common-mode
output voltage for
complementary output
states
RL = 27Ω or 50Ω Figure 2
0.2
0.2
V
VIH
Input high voltage
RE, DE, DI
2.0
2.0
V
VIL
Input low voltage
RE, DE, DI
0.8
0.8
V
IIN1
Input current
RE, DE, DI
± 2
± 2µA
IIN2
Input current (A, B)
VCM = 0V or 5.25V, VDE = 0V
VIN = 12V
VIN = -7V
1
-0.8
1
-0.8
mA
mA
VTH
Receiver differential
threshold voltage
VCM = -7 to 12V
-0.2
0.2
-0.2
0.2
V
ΔVTH
Receiver input hysteresis
VCM = 0V
70
mV
VOH
Receiver output high
voltage
IO = -4mA, VID = 200mV
3.5
3.4
V
VOL
Receiver output low
voltage
IO = 4mA, VID = -200mV
0.4
0.55
V
IOZR
3-state (high impedance)
output current at receiver
VO = 0.4 to 2.4V
± 1
± 1µA
RIN
Receiver input resistance
VCM = -7 to 12V
24
24
K
Ω
ICC
No load supply current (2)
VRE = 0V or VCC
VDE = VCC
VDE = 0V
400
300
900
500
900
500
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com