Electronic Components Datasheet Search
  English  ▼

X  

HDKEY-WT Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HDKEY-WT
Description  ADPT, HDMI KEYSTONE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HDKEY-WT Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HDKEY-WT Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.760
19.30
14.73
.580
°
1/16/14
CAD FILE:
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
± 1/32
COLOR VARIATIONS
≤12 [305] = +1 [25] / -0
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
OVERALL CABLE LENGTH TOLERANCE:
1
UNLESS OTHERWISE SPECIFIED,
DATE
1/16/14
1
1/16/14
REVISIONS
DESCRIPTION
APPROVED
REV
8
B
1/20/14
A
03/08/2021
R.SCOTT
CAGE CODE
D.GRIFFIN
HDKEY
MBLACKWOOD
CATEGORY
PRODUCT DESCRIPTION
FRACTIONS
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
INITIAL RELEASE
ECN 11022 ADD OPERATING TEMPURATURE TO NOTES
AUDIO/VIDEO
ADPT, HDMI KEYSTONE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
B
D.FRISIELLO
DIMENSIONS ARE IN INCHES [mm]
THIRD-ANGLE PROJECTION
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
North Andover, MA 01845 USA.
>300 [7620] = +5% / -0
T-Rev.D
ALL OTHER DIMENSIONAL TOLERANCES:
Phone: 1.800.341.5266
50 High Street, West Mill,
CONFIGURATION DETAILS OF
>12 [305] ≤60 [1524] = +2 [51] / -0
1.978.682.6936
43321
MAY OCCUR
HDKEY.SLDDRW
ANGLES ± 1
.X =
.2 [5]
.XX =
.02 [.5]
.XXX =
.005 [.13]
NOTES:
MATERIALS:
HDMI HOUSING: PC, UL94V-0
CONNECTOR SHELL: GOLD FLASH
CONTACTS: 15
μ GOLD PLATED
1. OPERATING TEMPERATURE RANGE : -10 °C TO 60 °C
2. ALL DIMENSIONS ARE FOR REFERENCE ONLY.
3. ADAPTER SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
2X, HDMI FEMALE
CONNECTOR
MODEL
NUMBER
COLOR
HDKEY-BK
BLACK
HDKEY-WT
WHITE
B
NOTES:
MATERIALS:
HDMI HOUSING: PC, UL94V-0
CONNECTOR SHELL: GOLD FLASH
CONTACTS: 15
μ GOLD PLATED
1. OPERATING TEMPERATURE RANGE : -10 °C TO 60 °C
2. ALL DIMENSIONS ARE FOR REFERENCE ONLY.
3. ADAPTER SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
16.1
.63
8.1
.32
.79
20.0
.76
19.2
.067
1.70
.32
8.1
PIN 19
PIN 18
PIN 1
PIN 2
.57
14.5
RECOMMENDED
PANEL CUTOUT
PIN 2
PIN 18
PIN 1
PIN 19
.40
10.0
.64
16.2


Similar Part No. - HDKEY-WT

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HDKEY-WT L-COM-HDKEY-WT Datasheet
55Kb / 1P
ADPT, HDMI KEYSTONE
1/16/14
More results

Similar Description - HDKEY-WT

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD879-5-15-MA9 WINCHESTER-SD879-5-15-MA9 Datasheet
41Kb / 1P
ADPT, F-F, BNC TO SMA
SD1209-75-5 WINCHESTER-SD1209-75-5 Datasheet
47Kb / 1P
ADPT, ANG, BNC-N, M-F
SD1709-1 WINCHESTER-SD1709-1 Datasheet
45Kb / 1P
ADPT M-M, BKHD, SHV
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
logo
Tripp Lite. All Rights ...
P164000KJWH TRIPPLITE-P164000KJWH Datasheet
502Kb / 2P
HDMI Keystone Wallplate Coupler, White (HDMI F-F)
P164-000-KJ-WH TRIPPLITE-P164-000-KJ-WH Datasheet
160Kb / 2P
HDMI Keystone Wallplate Coupler, White (HDMI F/F)
P164-000-KPA-BK TRIPPLITE-P164-000-KPA-BK Datasheet
172Kb / 2P
HDMI All-in-One Keystone/Panel Mount Angled Coupler (F/F), Black
P164-000-KP-BK TRIPPLITE-P164-000-KP-BK Datasheet
174Kb / 2P
HDMI All-in-One Keystone/Panel Mount Coupler (F/F), Black
logo
Wurth Elektronik GmbH &...
64403160111000 WURTH-64403160111000 Datasheet
233Kb / 4P
WR-ADPT Coax Adaptor
001.000
logo
METZ CONNECT GmbH
130B21-25-E METZ-130B21-25-E Datasheet
1Mb / 7P
25Gmodul - Keystone
2022/12/16 Version: F
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com