Electronic Components Datasheet Search
  English  ▼

X  

LCAD1403 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # LCAD1403
Description  Swivel Joint SMA Male to SMA Male rated to 6 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCAD1403 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  LCAD1403 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
1
LCAD1403 REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
Swivel Joint SMA Male to SMA Male rated to 6 GHz
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications:
Swivel Joint SMA Male to SMA Male rated to 6 GHz LCAD1403
Features
•
Max VSWR of 1.3:1 up to 6 GHz
•
Rotated at the center over 360 Degrees
•
Phase rotational effect variation (WOW) of ≤± 0.5° around the
axis
•
VSWR of 1.3:1 with rotational effect variation (WOW) ≤±0.03
around the axis
•
Insertion Loss < 0.04 dB at 6GHz with rotational effect variation
(WOW) of ≤±0.03 with rotation around the axis
Applications
•
General Purpose
•
Commercial and Military Radar
•
Land-Mobile-Radio (LMR) Communications
•
Anti-Missile Defense
•
SatCom
Description
L-Com’s Swivel Joint Adapter LCAD1403 is in stock and ready to ship on the same-day of order. The Swivel SMA plug to SMA plug
6 GHz VSWR 1.3 is part of our full line of RF components. The swivel joints are used to transfer RF signals between stationary and
movable parts of a communications system, commonly used in commercial and military radar, land-mobile-radio communications, and
anti-missile defense applications.
These SMA plug to SMA plug swivel joint adapters boast a compact design, excellent VSWR of 1.3:1, low insertion loss and minimal
variation of RF performance during rotation. When rotating the LCAD1403 around the center axis, the performance specifications vary
minimally, with a phase rotational effect (WOW)* of ≤±0.5°, VSWR WOW of ≤±0.03, and Insertion Loss of ≤±0.03 dB.
Contact L-Com’s expert technical support for assistance with the swivel joint adapter or any rotary joints. Download our LCAD1403
datasheet with specifications and CAD drawing with dimensions for details. Our knowledgeable sales team simplifies the purchasing
process and ensures that your swivel joint adapter will be exact to specification.
The rotary joint LCAD1403 from L-Com, with a maximum frequency of 6 GHz, can be rotated through the center axis in 360 degrees
to allow for rotating equipment to be installed to stationary equipment.Order your Rotary/Swivel Joint Adapter LCAD1403 today from
L-Com. There is no MOQ (minimum order quantity) and the product ships same day from our warehouse.
*WOW is the change in performance of a specification with rotation around an axis, calculated as the difference between the minimum
and maximum values observed in one 360° rotation around that axis.
Configuration
Connector 1
SMA Male
Connector 2
SMA Male
Adapter Design
Standard
Design Type
Swivel
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.3:1
LCAD1403


Similar Part No. - LCAD1403

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCAD1404 L-COM-LCAD1404 Datasheet
353Kb / 1P
Swivel Joint SMA Male to SMA Female rated to 6 GHz
1/20/2022
LCAD1405 L-COM-LCAD1405 Datasheet
359Kb / 1P
Swivel Joint SMA Female to SMA Female rated to 6 GHz
1/20/2022
More results

Similar Description - LCAD1403

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9069 PASTERNACK-PE9069 Datasheet
250Kb / 3P
SMA Male to SMA Male Adapter
PE7018-6 PASTERNACK-PE7018-6 Datasheet
266Kb / 3P
6 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7005-6 PASTERNACK-PE7005-6 Datasheet
259Kb / 3P
6 dB Fixed Attenuator, SMA Male To SMA Female Rated To 2 Watts Up To 18 GHz
PE7221-6 PASTERNACK-PE7221-6 Datasheet
382Kb / 3P
6 dB Fixed Attenuator, SMA Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz
PE7221-30 PASTERNACK-PE7221-30 Datasheet
382Kb / 3P
30 dB Fixed Attenuator, SMA Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz
PE7227-6 PASTERNACK-PE7227-6 Datasheet
382Kb / 3P
6 dB Fixed Attenuator, SMA Male To SMA Female Directional Rated To 100 Watts Up To 6 GHz
PE7357-6 PASTERNACK-PE7357-6 Datasheet
328Kb / 3P
6 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE1401 PASTERNACK-PE1401 Datasheet
325Kb / 3P
Rotary Joint Operating to 6 GHz SMA
PE91135 PASTERNACK-PE91135 Datasheet
358Kb / 4P
SMA Male to SMA Male Adapter
logo
Linx Technologies
ADP-SMAM-SMAM LINX-ADP-SMAM-SMAM Datasheet
219Kb / 1P
SMA MALE TO SMA MALE ADAPTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com