Electronic Components Datasheet Search
  English  ▼

X  

CAT209 Datasheet(PDF) 4 Page - Clarke International

Part # CAT209
Description  AIR BLOW GUN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAT209 Datasheet(HTML) 4 Page - Clarke International

  CAT209 Datasheet HTML 1Page - Clarke International CAT209 Datasheet HTML 2Page - Clarke International CAT209 Datasheet HTML 3Page - Clarke International CAT209 Datasheet HTML 4Page - Clarke International CAT209 Datasheet HTML 5Page - Clarke International CAT209 Datasheet HTML 6Page - Clarke International CAT209 Datasheet HTML 7Page - Clarke International CAT209 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
GENERAL SAFETY RULES
WORK ENVIRONMENT
1. Keep the work area clean and tidy.
2. Dress appropriately - Do not wear loose clothing or jewellery. Tie long hair
out of the way.
3. Keep children and visitors away - Do not let children handle the blow gun.
4. DO NOT operate the blow gun where there are flammable liquids or gases.
USE OF AIR POWERED TOOLS
1. Stay alert and use common sense - do not operate this blow gun when you
are tired or under the influence of alcohol, drugs or medication.
2. ALWAYS wear eye protectors when using the blow gun. Eye protectors must
provide protection from flying particles from the front and the side.
3. DO NOT use the blow gun when other persons or animals are nearby or
may be hit by flying debris caused by the blow gun.
4. DO NOT overreach - Keep proper footing and balance at all times.
5. DO NOT use oxygen, CO2, combustible gasses or any type of bottled gas
as a source of power.
6. DO NOT connect the air supply hose with your finger on the trigger.
7. DO NOT exceed the maximum pressure for the blow gun of 90 psi / 6.2 bar.
8. Keep the air supply hose away from heat, oil and sharp edges.
9. DO NOT fit the blow gun to any stand or clamping device that may
damage it.
10. Check air hoses for leaks or worn condition before use and ensure that all
connections are secure.
11. DO NOT use for any purpose than that described in this manual.
12. DO NOT discharge this blow gun at any persons or animals.
13. DO NOT insert into any part of yours or anyone elses body.
14. DO NOT point directly at a person’s skin or at a fire.
CAUTION: FAILURE TO FOLLOW THESE PRECAUTIONS COULD RESULT IN
PERSONAL INJURY AND/OR DAMAGE TO PROPERTY.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com