Electronic Components Datasheet Search
  English  ▼

X  

CAT212 Datasheet(PDF) 4 Page - Clarke International

Part # CAT212
Description  MULTI-NOZZLE BLOW GUN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAT212 Datasheet(HTML) 4 Page - Clarke International

  CAT212 Datasheet HTML 1Page - Clarke International CAT212 Datasheet HTML 2Page - Clarke International CAT212 Datasheet HTML 3Page - Clarke International CAT212 Datasheet HTML 4Page - Clarke International CAT212 Datasheet HTML 5Page - Clarke International CAT212 Datasheet HTML 6Page - Clarke International CAT212 Datasheet HTML 7Page - Clarke International CAT212 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
GENERAL SAFETY RULES
WORK ENVIRONMENT
1. Keep the work area clean and tidy.
2. Dress appropriately - Do not wear loose clothing or jewellery. Tie long hair
out of the way.
3. Keep children and visitors away - Do not let children handle the blow gun.
4. DO NOT operate the tool where there are flammable liquids or gases.
USE OF AIR POWERED TOOLS
1. Stay alert and use common sense - do not operate this air tool when you
are tired or under the influence of alcohol, drugs or medication.
2. ALWAYS wear eye protectors when using the blow gun. Eye protectors must
provide protection from flying particles from the front and the side.
3. DO NOT use the blow gun when other persons or animals are nearby or
may be hit by flying debris caused by the blow gun.
4. Observers or bystanders should also wear eye protection.
5. DO NOT overreach - Keep proper footing and balance at all times.
6. Never use oxygen, CO2, combustible gasses or any type of bottled gas as
a source of power for this blow gun.
7. DO NOT connect the air supply hose with your finger on the trigger.
8. DO NOT exceed the maximum pressure of 90 psi / 6.2 bar.
9. Keep the air hose away from heat, oil and sharp edges.
10. DO NOT fit the blow gun to any stand or clamp that may damage it.
11. Check air hoses for leaks or worn condition before use and ensure that all
connections are secure.
12. DO NOT use the blow gun for any purpose than described in this manual.
13. DO NOT carry out any alterations or modifications to the blow gun.
14. ALWAYS disconnect from the air supply when performing any
maintenance.
CAUTION: FAILURE TO FOLLOW THESE PRECAUTIONS COULD RESULT IN
PERSONAL INJURY AND/OR DAMAGE TO PROPERTY.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com