Electronic Components Datasheet Search
  English  ▼

X  

LCAD30002 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # LCAD30002
Description  Coaxial Adapter, BNC Female / Female Hermetically Sealed Bulkhead
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCAD30002 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  LCAD30002 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCAD30002 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCAD30002 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
1
LCAD30002 REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
Coaxial Adapter, BNC Female / Female Hermetically Sealed Bulkhead
Configuration
•
BNC Female Connector 1
•
BNC Female Connector 2
•
Impedance 50 Ohm
•
Straight Body Geometry
•
Bulkhead Mount Method
Features
•
Provides In-Series BNC to BNC Connections
•
Operates to 4 GHz
•
Max VSWR of 1.5:1
•
Gold Plated Center Contacts
•
Bulkhead Mount
Applications
Description
These L-com RF Coaxial Adapters are used to interface between BNC to BNC with coaxial connections. The LCAD30002 is a straight
bulkhead adapter with a female to female configuration. This Coaxial Adapter, BNC Female / Female Hermetically Sealed Bulkhead is
made from brass and has a nickel finish.&&BNC adapters interface design is defined by Mil-STD-348A and has no tool required bayonet
mount coupling mechanism with a robust center contact and outer conductor interface. BNC’s generally work up to 3 GHz and are a cost
effective way of insuring a highly dependable RF Coaxial connection.&&L-com’s RF Coaxial and Triaxial adapters are in stock and ship
same day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
VSWR
1.5:1
Operating Voltage (AC)
500
Vrms
Dielectric Withstanding Voltage (AC)
1,500
Vrms
Inner Conductor DC Resistance
1.5
mOhms
Outer Conductor DC Resistance
1
mOhms
Insulation Resistance
5,000
MOhms
=. .
Mechanical Specifications
Size
.
Description
Connector 1
Connector 2
Type
BNC Female
BNC Female
Polarity
Standard
Standard
.
LCAD30002


Similar Part No. - LCAD30002

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCAD30001 L-COM-LCAD30001 Datasheet
276Kb / 3P
Coaxial, Adapter, BNC Female/Female
01/09/2020
LCAD30003 L-COM-LCAD30003 Datasheet
283Kb / 3P
Coaxial Adapter, SMA Female / UMCX Plug
04/27/2020
LCAD30004 L-COM-LCAD30004 Datasheet
282Kb / 3P
Coaxial Adapter, SMA Female / UMCX Jack
01/09/2020
LCAD30005 L-COM-LCAD30005 Datasheet
283Kb / 3P
Coaxial Adapter, SMA Male / UMCX Jack
01/09/2020
LCAD30006 L-COM-LCAD30006 Datasheet
280Kb / 3P
Coaxial Adapter, RP-SMA Male / RP-SMA Female
01/09/2020
More results

Similar Description - LCAD30002

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4159 POMONA-4159 Datasheet
21Kb / 1P
BNC Bulkhead Receptacle, Female, Hermetically Sealed
logo
Pasternack Enterprises,...
PE9093 PASTERNACK-PE9093 Datasheet
256Kb / 3P
Hermetically Sealed BNC Female to BNC Female Bulkhead Adapter
PE9128 PASTERNACK-PE9128 Datasheet
474Kb / 3P
Hermetically Sealed N Female to N Female Bulkhead Adapter
PE9184 PASTERNACK-PE9184 Datasheet
248Kb / 2P
Hermetically Sealed SMA Female to SMA Female Bulkhead Adapter
PE9268 PASTERNACK-PE9268 Datasheet
239Kb / 2P
Bulkhead Hermetically Sealed MHV Female to MHV Female Adapter
PE9420 PASTERNACK-PE9420 Datasheet
246Kb / 2P
Hermetically Sealed BNC Female to BNC Female Bulkhead Adapter For 1 inch Max. Panel
PE9483 PASTERNACK-PE9483 Datasheet
262Kb / 3P
Hermetically Sealed TNC Female to BNC Female Bulkhead Adapter
logo
Huber+Suhner, Inc.
34_BNC-50-0-1133_N HUBERSUHNER-34_BNC-50-0-1133_N Datasheet
506Kb / 2P
COAXIAL ADAPTER, BNC, 50 Ohm, Bulkhead, jack / jack (female / female)
34_BNC-50-0-6100_N HUBERSUHNER-34_BNC-50-0-6100_N Datasheet
2Mb / 2P
COAXIAL ADAPTER, BNC, 50 Ohm, Bulkhead, jack / jack (female / female)
34_BNC-75-0-1133_N HUBERSUHNER-34_BNC-75-0-1133_N Datasheet
2Mb / 2P
COAXIAL ADAPTER, BNC, 75 Ohm, Bulkhead, jack / jack (female / female)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com