Electronic Components Datasheet Search
  English  ▼

X  

LCAD30003 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # LCAD30003
Description  Coaxial Adapter, SMA Female / UMCX Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCAD30003 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  LCAD30003 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCAD30003 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCAD30003 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
1
LCAD30003 REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
Coaxial Adapter, SMA Female / UMCX Plug
Configuration
•
SMA Female Connector 1
•
Push-On UMCX Plug Connector 2
•
Impedance 50 Ohm
•
Straight Body Geometry
Features
•
Provides Between Series SMA to UMCX Connections
•
Operates to 6 GHz
•
Max VSWR of 1.3:1
•
Gold Plated Center Contacts
Applications
Description
These L-com RF Coaxial Adapters are used to interface between SMA to UMCX with coaxial connections. The LCAD30003 is a straight
adapter with a female to plug configuration. This Coaxial Adapter, SMA Female / UMCX Plug is made from tri-metal and has a gold
finish.&&An SMA interface design is defined by Mil-STD-348A and has many popular features including a threaded coupling method with
a robust center contact and outer conductor interface. SMA’s generally work up to 18GHz and are a cost effective way of insuring a highly
dependable RF Coaxial connection.&&A UMCX adapter’s interface is compatible with the popular u.fl design from Hirose. The UMCX
has a simple snap on connection and its small size is popular in applications that require a small foot print. Often used on printed circuit
boards and with micro coax the UMCX (u.fl) interface is a widely used miniature coaxial connector series.&&L-com’s RF Coaxial and
Triaxial adapters are in stock and ship same day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.12:1
1.3:1
Operating Voltage (AC)
100
Vrms
Dielectric Withstanding Voltage (AC)
200
Vrms
Inner Conductor DC Resistance
3
mOhms
Outer Conductor DC Resistance
2
mOhms
Insulation Resistance
5,000
MOhms
=. .
Mechanical Specifications
Size
Length
0.55in
13.97mm]
Width
0.26in
[6.6mm]
.
Description
Connector 1
Connector 2
Type
SMA Female
UMCX Plug
LCAD30003


Similar Part No. - LCAD30003

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCAD30001 L-COM-LCAD30001 Datasheet
276Kb / 3P
Coaxial, Adapter, BNC Female/Female
01/09/2020
LCAD30002 L-COM-LCAD30002 Datasheet
289Kb / 3P
Coaxial Adapter, BNC Female / Female Hermetically Sealed Bulkhead
01/09/2020
LCAD30004 L-COM-LCAD30004 Datasheet
282Kb / 3P
Coaxial Adapter, SMA Female / UMCX Jack
01/09/2020
LCAD30005 L-COM-LCAD30005 Datasheet
283Kb / 3P
Coaxial Adapter, SMA Male / UMCX Jack
01/09/2020
LCAD30006 L-COM-LCAD30006 Datasheet
280Kb / 3P
Coaxial Adapter, RP-SMA Male / RP-SMA Female
01/09/2020
More results

Similar Description - LCAD30003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91005 PASTERNACK-PE91005 Datasheet
252Kb / 3P
SMA Female to UMCX Plug Adapter
PE91006 PASTERNACK-PE91006 Datasheet
252Kb / 3P
SMA Female to UMCX Jack Adapter
PE91007 PASTERNACK-PE91007 Datasheet
251Kb / 3P
SMA Male to UMCX Jack Adapter
PE91005 PASTERNACK-PE91005 Datasheet
252Kb / 3P
SMA Female to UMCX Plug Adapter
logo
Huber+Suhner, Inc.
33_ARC-SMA-50-1111_N HUBERSUHNER-33_ARC-SMA-50-1111_N Datasheet
507Kb / 2P
COAXIAL ADAPTER, ARC - SMA, 50 Ohm, plug / jack (male / female)
33_BNC-SMA-50-11--_N HUBERSUHNER-33_BNC-SMA-50-11--_N Datasheet
1Mb / 2P
COAXIAL ADAPTER, BNC - SMA, 50 Ohm, plug / jack (male / female)
33_MCX-SMA-50-1111_U HUBERSUHNER-33_MCX-SMA-50-1111_U Datasheet
512Kb / 2P
COAXIAL ADAPTER, MCX - SMA, 50 Ohm, plug / jack (male / female)
33_SMA-50-0-1111_N HUBERSUHNER-33_SMA-50-0-1111_N Datasheet
456Kb / 2P
COAXIAL ADAPTER, SMA, 50 Ohm, plug / jack (male / female)
33_SMA-50-0-51199_N HUBERSUHNER-33_SMA-50-0-51199_N Datasheet
475Kb / 2P
COAXIAL ADAPTER, SMA, 50 Ohm, plug / jack (male / female)
33_SMA-Q50-0-41-9_N HUBERSUHNER-33_SMA-Q50-0-41-9_N Datasheet
495Kb / 2P
COAXIAL ADAPTER, SMA Quick-mate - SMA, 50 Ohm, plug / jack (male / female)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com