Electronic Components Datasheet Search
  English  ▼

X  

LCAD30007 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # LCAD30007
Description  Coaxial Adapter, RP-SMA Female / RP-SMA Female
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCAD30007 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  LCAD30007 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCAD30007 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCAD30007 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
1
LCAD30007 REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
Coaxial Adapter, RP-SMA Female / RP-SMA Female
Configuration
•
SMA Female Reverse Polarity Connector 1
•
SMA Female Reverse Polarity Connector 2
•
Impedance 50 Ohm
•
Straight Body Geometry
Features
•
Provides In-Series Reverse Polarity SMA to Reverse Polarity
SMA Connections
•
Operates to 4 GHz
•
Max VSWR of 1.35:1
•
Gold Plated Center Contacts
Applications
Description
These L-com RF Coaxial Adapters are used to interface between SMA to SMA with coaxial connections. The LCAD30007 is a straight
adapter with a female to female configuration. This Coaxial Adapter, RP-SMA Female / RP-SMA Female is made from brass and has a
gold finish.&&An SMA interface design is defined by Mil-STD-348A and has many popular features including a threaded coupling method
with a robust center contact and outer conductor interface. SMA’s generally work up to 18GHz and are a cost effective way of insuring a
highly dependable RF Coaxial connection.&&L-com’s RF Coaxial and Triaxial adapters are in stock and ship same day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.35:1
=. .
Mechanical Specifications
Size
Length
0.6in
15.24mm]
Width
0.25in
[6.35mm]
.
Description
Connector 1
Connector 2
Type
SMA Female
SMA Female
Polarity
Reverse Polarity
Reverse Polarity
.
Material Specifications
Connector 1
Connector 2
LCAD30007


Similar Part No. - LCAD30007

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCAD30001 L-COM-LCAD30001 Datasheet
276Kb / 3P
Coaxial, Adapter, BNC Female/Female
01/09/2020
LCAD30002 L-COM-LCAD30002 Datasheet
289Kb / 3P
Coaxial Adapter, BNC Female / Female Hermetically Sealed Bulkhead
01/09/2020
LCAD30003 L-COM-LCAD30003 Datasheet
283Kb / 3P
Coaxial Adapter, SMA Female / UMCX Plug
04/27/2020
LCAD30004 L-COM-LCAD30004 Datasheet
282Kb / 3P
Coaxial Adapter, SMA Female / UMCX Jack
01/09/2020
LCAD30005 L-COM-LCAD30005 Datasheet
283Kb / 3P
Coaxial Adapter, SMA Male / UMCX Jack
01/09/2020
More results

Similar Description - LCAD30007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADP-SMAM-RPSF ETC2-ADP-SMAM-RPSF Datasheet
120Kb / 1P
SMA MALE TO RP-SMA FEMALE ADAPTOR
CONREVSMA001 ETC2-CONREVSMA001 Datasheet
143Kb / 1P
RP-SMA FEMALE PCB MOUNT
CONREVSMA002 ETC2-CONREVSMA002 Datasheet
146Kb / 1P
RP-SMA FEMALE RIGHT ANGLE PCB MOUNT
CONREVSMA003.062 ETC2-CONREVSMA003.062 Datasheet
149Kb / 1P
RP-SMA FEMALE EDGE MOUNT RP-SMA FEMALE EDGE MOUNT
CONREVSMA008 ETC2-CONREVSMA008 Datasheet
255Kb / 1P
RP-SMA FEMALE PCB MOUNT EXTENDED
CONREVSMA010 ETC2-CONREVSMA010 Datasheet
127Kb / 1P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTOR
logo
Linx Technologies
ADP-RPSM-SMAF-G LINX-ADP-RPSM-SMAF-G Datasheet
292Kb / 2P
ADAPTER, RP-SMA PLUG (FEMALE SOCKET) TO SMA JACK (FEMALE SOCKET), GOLD
ADP-RPSM-SMAF LINX-ADP-RPSM-SMAF Datasheet
190Kb / 1P
RP-SMA MALE TO SMA FEMALE ADAPTOR
CONREVSMA008-G LINX-CONREVSMA008-G Datasheet
284Kb / 2P
RP-SMA FEMALE PCB MOUNT EXTENDED
21/JAN/19
CONREVSMA010-G LINX-CONREVSMA010-G Datasheet
299Kb / 2P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTER
21/JAN/19
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com