Electronic Components Datasheet Search
  English  ▼

X  

LCAD30008 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # LCAD30008
Description  Coaxial Adapter, SMA Female / SMB Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCAD30008 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  LCAD30008 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCAD30008 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCAD30008 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
1
LCAD30008 REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
Coaxial Adapter, SMA Female / SMB Plug
Configuration
•
SMA Female Connector 1
•
SMB Plug Connector 2
•
Impedance 50 Ohm
•
Straight Body Geometry
Features
•
Provides Between Series SMA to SMB Connections
•
Operates to 4 GHz
•
Max VSWR of 1.3:1
•
Gold Plated Center Contacts
Applications
Description
These L-com RF Coaxial Adapters are used to interface between SMA to SMB with coaxial connections. The LCAD30008 is a straight
adapter with a female to plug configuration. This Coaxial Adapter, SMA Female / SMB Plug is made from brass and has a nickel
finish.&&An SMA interface design is defined by Mil-STD-348A and has many popular features including a threaded coupling method with
a robust center contact and outer conductor interface. SMA’s generally work up to 18GHz and are a cost effective way of insuring a highly
dependable RF Coaxial connection.&&The SMB interface is smaller than an SMA and uses a snap on connection. An important difference
to note is that the SMB Jack (female) interface design has a Male center contact and the SMB Plug (Male) design uses a female socket
for the center pin. SMB connectors generally have a maximum operating frequency of 4 GHZ and are available in 50 Ohm and 75 Ohm
impedances.&&L-com’s RF Coaxial and Triaxial adapters are in stock and ship same day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
VSWR
1.3:1
Operating Voltage (AC)
335
Vrms
=. .
Mechanical Specifications
Size
Length
0.64in
16.26mm]
Width
0.25in
[6.35mm]
.
Description
Connector 1
Connector 2
Type
SMA Female
SMB Plug
Polarity
Standard
Standard
.
LCAD30008


Similar Part No. - LCAD30008

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCAD30001 L-COM-LCAD30001 Datasheet
276Kb / 3P
Coaxial, Adapter, BNC Female/Female
01/09/2020
LCAD30002 L-COM-LCAD30002 Datasheet
289Kb / 3P
Coaxial Adapter, BNC Female / Female Hermetically Sealed Bulkhead
01/09/2020
LCAD30003 L-COM-LCAD30003 Datasheet
283Kb / 3P
Coaxial Adapter, SMA Female / UMCX Plug
04/27/2020
LCAD30004 L-COM-LCAD30004 Datasheet
282Kb / 3P
Coaxial Adapter, SMA Female / UMCX Jack
01/09/2020
LCAD30005 L-COM-LCAD30005 Datasheet
283Kb / 3P
Coaxial Adapter, SMA Male / UMCX Jack
01/09/2020
More results

Similar Description - LCAD30008

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9142 PASTERNACK-PE9142 Datasheet
249Kb / 3P
SMA Female to SMB Plug Adapter
PE9143 PASTERNACK-PE9143 Datasheet
250Kb / 3P
SMA Female to SMB Jack Adapter
logo
Amphenol Corporation
242144 AMPHENOL-242144 Datasheet
51Kb / 1P
SMA PLUG TO SMB JACK ADAPTER
logo
Linx Technologies
ADP-SMAF-SMBM-G LINX-ADP-SMAF-SMBM-G Datasheet
906Kb / 4P
SMA Jack to SMB Plug Adapter
2020
ADP-SMAM-SMBM-G LINX-ADP-SMAM-SMBM-G Datasheet
903Kb / 4P
SMA Plug to SMB Plug Adapter
2020
logo
Huber+Suhner, Inc.
33_N-SMB-50-11--_U HUBERSUHNER-33_N-SMB-50-11--_U Datasheet
509Kb / 2P
COAXIAL ADAPTER, N - SMB, 50 Ohm, plug / jack (male / female)
31_SMA-SMB-50-1111_U HUBERSUHNER-31_SMA-SMB-50-1111_U Datasheet
482Kb / 2P
COAXIAL ADAPTER, SMA - SMB, 50 Ohm, jack / jack (female / female)
33_SMB-BNC-50-21--_U HUBERSUHNER-33_SMB-BNC-50-21--_U Datasheet
511Kb / 2P
COAXIAL ADAPTER, SMB - BNC, 50 Ohm, plug / jack (male / female)
33_SMB-N-50-11--_U HUBERSUHNER-33_SMB-N-50-11--_U Datasheet
496Kb / 2P
COAXIAL ADAPTER, SMB - N, 50 Ohm, plug / jack (male / female)
33_SMB-SMA-50-1111_U HUBERSUHNER-33_SMB-SMA-50-1111_U Datasheet
491Kb / 2P
COAXIAL ADAPTER, SMB - SMA, 50 Ohm, plug / jack (male / female)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com