Electronic Components Datasheet Search
  English  ▼

X  

LCAD30021 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # LCAD30021
Description  Coaxial Adapter, SMB Tee Plug / Jack / Jack
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCAD30021 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  LCAD30021 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCAD30021 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCAD30021 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
1
LCAD30021 REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
Coaxial Adapter, SMB Tee Plug / Jack / Jack
Configuration
•
SMB Plug Connector 1
•
SMB Jack Connector 2
•
Impedance 50 Ohm
•
Tee Body Geometry
Features
•
Provides In-Series SMB Connections
•
Gold Plated Center Contacts
Applications
Description
These L-com RF Coaxial Adapters are used to interface between SMB to SMB with coaxial connections. The LCAD30021 is a tee adapter
with a plug to jack configuration. This Coaxial Adapter, SMB Tee Plug / Jack / Jack is made from brass and has a gold finish.&&The SMB
interface is smaller than an SMA and uses a snap on connection. An important difference to note is that the SMB Jack (female) interface
design has a Male center contact and the SMB Plug (Male) design uses a female socket for the center pin. SMB connectors generally
have a maximum operating frequency of 4 GHZ and are available in 50 Ohm and 75 Ohm impedances.&&L-com’s RF Coaxial and Triaxial
adapters are in stock and ship same day.
Mechanical Specifications
Size
Length
0.84in
21.34mm]
Width
0.25in
[6.35mm]
Height
0.57in
[14.48mm]
.
Description
Connector 1
Connector 2
Type
SMB Plug
SMB Jack
Polarity
Standard
Standard
.
Material Specifications
Connector 1
Connector 2
LCAD30021


Similar Part No. - LCAD30021

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCAD30020 L-COM-LCAD30020 Datasheet
368Kb / 3P
Coaxial Adapter, 78 Ohm BNC Twinax Jack / Jack Bulkhead
03/03/2022
LCAD30022 L-COM-LCAD30022 Datasheet
278Kb / 3P
Coaxial Adapter, N Male / SMB Jack
01/14/2020
LCAD30023 L-COM-LCAD30023 Datasheet
277Kb / 3P
Coaxial Adapter, 78 Ohm BNC Twinax Tee Jack / Plug / Jack
01/09/2020
LCAD30024 L-COM-LCAD30024 Datasheet
287Kb / 3P
Coaxial Adapter, 78 Ohm BNC Twinax Tee Plug / Plug
01/14/2020
LCAD30025 L-COM-LCAD30025 Datasheet
276Kb / 3P
Coaxial Right Angle Adapter, 78 Ohm BNC Twinax Plug / Jack
01/14/2020
More results

Similar Description - LCAD30021

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9243 PASTERNACK-PE9243 Datasheet
76Kb / 1P
SMB TEE, JACK-PLUG-JACK
PE9245 PASTERNACK-PE9245 Datasheet
76Kb / 3P
75 OHM SMB TEE, JACK-PLUG-JACK
PE9249 PASTERNACK-PE9249 Datasheet
235Kb / 2P
SHV Tee Adapter Jack-Plug-Jack
PE9279 PASTERNACK-PE9279 Datasheet
252Kb / 3P
BNC Twinax Tee Adapter Jack-Jack-Jack
PE9302 PASTERNACK-PE9302 Datasheet
258Kb / 3P
SMB Tee Adapter Jack-Jack-Jack
PE9309 PASTERNACK-PE9309 Datasheet
243Kb / 2P
SMB Tee Adapter Plug-Jack-Jack
PE9375 PASTERNACK-PE9375 Datasheet
258Kb / 3P
BNC Twinax Tee Adapter Jack-Plug-Jack
PE9244 PASTERNACK-PE9244 Datasheet
236Kb / 3P
75 Ohm SMC Tee Adapter Jack-Plug-Jack
logo
List of Unclassifed Man...
THA101 ETC2-THA101 Datasheet
138Kb / 1P
HN PLUG-JACK-JACK TEE ADAPTER
logo
Pasternack Enterprises,...
PE9242 PASTERNACK-PE9242 Datasheet
400Kb / 5P
SMC Tee Adapter Jack-Plug-Jack
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com