Electronic Components Datasheet Search
  English  ▼

X  

DS1844 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1844
Description  Quad Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1844 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1844 Datasheet HTML 1Page - Dallas Semiconductor DS1844 Datasheet HTML 2Page - Dallas Semiconductor DS1844 Datasheet HTML 3Page - Dallas Semiconductor DS1844 Datasheet HTML 4Page - Dallas Semiconductor DS1844 Datasheet HTML 5Page - Dallas Semiconductor DS1844 Datasheet HTML 6Page - Dallas Semiconductor DS1844 Datasheet HTML 7Page - Dallas Semiconductor DS1844 Datasheet HTML 8Page - Dallas Semiconductor DS1844 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DS1844
2 of 14
The DS1844 is available in standard 10 k
W, 50 kW, and 100 kW versions. Mixed resistor combinations
are also available through custom setups. The DS1844 is specified to operate over the industrial
temperature range: -40
°C to +85°C. Packages for the DS1844 include 20-pin DIPs, SOICs, and TSSOPs.
OPERATION
The DS1844 contains four 64-position potentiometers. Each potentiometer is independent and has three
accessible terminals, which include HX, LX, and WX. Each potentiometer is comprised of 63 individual
resistor elements. Between each resistor element is a tap-point that is multiplexed to the wiper terminal,
WX. Additionally, the wiper terminal can be multiplexed directly to the end-terminals, HX and LX.
The DS1844 supports two interface control options. Both options allow for the direct placement of the
wiper position on the resistor ladder. Each wiper has an associated 6-bit register used to hold its positional
value.
The DS1844 is a volatile device and will always power-up with the wiper positions set to mid-tap
(position 32-decimal). The end-terminal HX will have wiper position value 63-decimal and the LX terminal
will have wiper position value 0-decimal. Because the DS1844 is a 64-position device only 6 bits of data
are necessary to write a wiper’s value. However, communication with the DS1844 will require using a
full 8 bits, with the remaining 2 bits specifying the potentiometer selected. A discussion of proper
communication protocol is provided under the section entitled Serial Port Operation. A block diagram of
the DS1844 is shown in Figure 1.
SERIAL PORT OPERATION
As stated, the DS1844 can support two types of serial interface control. This includes a 5-wire serial
interface and a 2-wire addressable interface. The type interface supported during operation is selectable
via the port select input pin, PS. Additionally, certain pins provide dual functionality dependent on the
serial port selected. The pin description table lists pin functionality according to the interface selected.
5-Wire Serial Port Control
The 5-wire serial interface provides an 8-bit I/O shift register for loading and reading wiper data. The 5-
wire serial interface control is selected when the port select input, PS, is in a low state. This interface is
controlled by the signals RST , DIN, DOUT, CLK, and R/ W . Timing diagrams for the 5-wire serial port
can be found in Figure 3. Timing information for the 5-wire serial port is provided in the AC Electrical
Characteristics table for 5-wire serial communications.
Data is loaded MSB first and in multiples of 8 bits. The 8-bit data to specify wiper position has the format
or protocol as that shown in Figure 2. The 8-bit data is divided into potentiometer select data and wiper
position value. The 6 least significant bits of data specify the wiper position value while the 2 most
significant bits specify the potentiometer to be loaded. This allows the interface control logic/protocol to
provide order independent potentiometer loading, as well as variable-length data loads.
As stated earlier, the 5-wire serial port is selected when the PS input is in a low state. If the device will
only be used in the 5-wire mode, the PS input can be tied directly to ground. Communication via the 5-
wire interface is enabled when RST is in a high state. A low-to-high transition on the RST indicates the
start of a communication transaction with the DS1844. While RST is high, data can be read or written to
the part. Data will be read or written dependent on the state of the read-write enable input, R/ W . The
state of R/ W must be stable before a low-to-high transition on RST . Once the RST input has begun a
communication transaction, the serial port will ignore any transitions on the R/ W input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com