Electronic Components Datasheet Search
  English  ▼

X  

SC4259 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC4259
Description  TNC Male Connector Crimp/Solder Attachment For RG9, RG214, RG393, RG225 Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC4259 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC4259 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC4259 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC4259 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 2.0 Page 1 of 3
Copyright © 2016
TNC male connector with crimp/solder attachment for RG9, RG214, RG393 and
RG225, part number SC4259, from Fairview Microwave is in-stock and ships same
day. This TNC male connector operates up to a maximum frequency of 11 GHz.
Fairview’s TNC male connector SC4259 datasheet specifications and outline
drawing are shown in this PDF below. Our extensive offering of RF, microwave
and millimeter wave connectors allows designers to configure and customize their
signal connections however they like. From providing an I/O for a board design
to creating a custom cable assembly configuration, Fairview Microwave has a
connector solution to meet your needs. Fairview Microwave also has the expertise
to build your custom cable assemblies for you and ship them same-day.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
11
GHz
Operating Voltage (AC)
500
Vrms
.
Performance by Frequency
.
Description
F1
F2
F3
F4
F5
Units
Frequency Range DC to 6
GHz
VSWR, Max
1.4:1
Mechanical Specifications
Size
Length
0.996 in [25.3 mm]
Width/Dia.
0.591 in [15.01 mm]
Height
0.591 in [15.01 mm]
.
Weight
0.03924 lbs [17.8 g]
.
Material Specifications
.
Description
Material
Plating
Contact
Brass
Gold
30 µin minimum
.
Insulation
PTFE
.
Body
Brass
Nickel
100 µin minimum
Coupling Nut
Brass
Nickel
100 µin minimum
SC4259
DATA SHEET
TNC Male Connector Crimp/Solder Attachment For
RG9, RG214, RG393, RG225 Cable
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
• TNC Male Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG9, RG214, RG393, RG225
Interface Type
• Crimp/Solder Attachment
Features:
• Operating Frequency
of 11 GHz Max.
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications:
• General Purpose Test
• Custom Cable Assemblies


Similar Part No. - SC4259

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
SC4250 SEMTECH-SC4250 Datasheet
251Kb / 12P
Negative Voltage Hot Swap Controller
SC4250HISTR SEMTECH-SC4250HISTR Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
SC4250HISTR SEMTECH-SC4250HISTR Datasheet
251Kb / 12P
Negative Voltage Hot Swap Controller
SC4250HISTRT SEMTECH-SC4250HISTRT Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
More results

Similar Description - SC4259

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4232 PASTERNACK-PE4232 Datasheet
267Kb / 3P
SC Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4474 PASTERNACK-PE4474 Datasheet
263Kb / 2P
HN Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4048 PASTERNACK-PE4048 Datasheet
266Kb / 3P
N Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE44051 PASTERNACK-PE44051 Datasheet
85Kb / 1P
UHF MALE CRIMP ATTACHMENT FOR RG9 RG214 RG225 &RG393
PE4447 PASTERNACK-PE4447 Datasheet
256Kb / 3P
TNC Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4483 PASTERNACK-PE4483 Datasheet
265Kb / 2P
N Male Right Angle Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4375 PASTERNACK-PE4375 Datasheet
247Kb / 2P
C Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4351 PASTERNACK-PE4351 Datasheet
261Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4352 PASTERNACK-PE4352 Datasheet
220Kb / 2P
GR874 Sexless Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4571 PASTERNACK-PE4571 Datasheet
261Kb / 3P
7/16 DIN Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com