Electronic Components Datasheet Search
  English  ▼

X  

SC5844 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # SC5844
Description  2.92mm Male Connector Solder Attachment For RG405, RG405 Tinned, .086 SR Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC5844 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  SC5844 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC5844 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC5844 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
Environmental Specifications
Temperature
Operating Range
-65 to +105 deg C
Humidity
MIL-STD-202, Method 106
Shock
MIL-STD-202, Method 213, Condition I
Vibration
MIL-STD-202, Method 204, Condition D
Thermal Shock
MIL-STD-202, Method 107, Condition B
Salt Spray
MIL-STD-202, Method 101, Condition B, 5%
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
2.92mm Male Connector Solder Attachment For RG405, RG405 Tinned, .086 SR Cable from Fairview Microwave is in-stock
and available to ship same-day. All of our RF/microwave products are available off-the-shelf from our ISO 9001:2008
certified facilities in Lewisville, Texas. Fairview Microwave is RF on-demand.
For additional information on this product, please click the following link: 2.92mm Male Connector Solder Attachment For
RG405, RG405 Tinned, .086 SR Cable SC5844
URL: https://www.fairviewmicrowave.com/2.92mm-connector-sc5844-p.aspx
SC5844
DATA SHEET
REV 1.4 Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com