Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5502 Datasheet(PDF) 91 Page - Texas Instruments

Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 91 Page - Texas Instruments

Back Button TMS320VC5502_06 Datasheet HTML 87Page - Texas Instruments TMS320VC5502_06 Datasheet HTML 88Page - Texas Instruments TMS320VC5502_06 Datasheet HTML 89Page - Texas Instruments TMS320VC5502_06 Datasheet HTML 90Page - Texas Instruments TMS320VC5502_06 Datasheet HTML 91Page - Texas Instruments TMS320VC5502_06 Datasheet HTML 92Page - Texas Instruments TMS320VC5502_06 Datasheet HTML 93Page - Texas Instruments TMS320VC5502_06 Datasheet HTML 94Page - Texas Instruments TMS320VC5502_06 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 190 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
3.12.2.5 Parallel GPIO Direction Register 1 (PGPIODIR1)
15
14
13
12
11
10
9
8
IO31DIR
IO30DIR
IO29DIR
IO28DIR
IO27DIR
IO26DIR
IO25DIR
IO24DIR
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
7
6
5
4
3
2
1
0
IO23DIR
IO22DIR
IO21DIR
IO20DIR
IO19DIR
IO18DIR
IO17DIR
IO16DIR
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-38. Parallel GPIO Direction Register 1 Layout (0x4404)
Table 3-41. Parallel GPIO Direction Register 1 Bit Field Description
(1)
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
IOxDIR
15-0
R/W
0000000000000000
Data direction bits specify if corresponding bits in the data
registers specify an output value or an input value. See
Table 3-36, TMS320VC5502 PGPIO Cross-Reference to
determine which device pins correspond to the PGPIO pins.
•
IOxDIR = 0:
Corresponding bit in the data register specifies the value
read on the PGPIOx pin (input). When IOxDIR = 0, IOxEN
must also be cleared to 0.
•
IOxDIR = 1:
Corresponding bit in the data register specifies the value
driven on the PGPIOx pin (output). When IOxDIR = 1, IOxEN
must also be set to 1.
(1)
x = value from 16 to 31
Submit Documentation Feedback
Functional Overview
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com