Electronic Components Datasheet Search
  English  ▼

X  

NJS4310D Datasheet(PDF) 2 Page - Nisshinbo Micro Devices Inc.

Part # NJS4310D
Description  S-band Radar Front End Model No. NJS4310D
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJS4310D Datasheet(HTML) 2 Page - Nisshinbo Micro Devices Inc.

  NJS4310D Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. NJS4310D Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. NJS4310D Datasheet HTML 3Page - Nisshinbo Micro Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NJS4310D
*Above Specifications are subject to change without notice.
Reference No.:
DS-S4310D
Rev.:
05E
Sheet:
2
■
GENERAL DESCRIPTION
NJS4310D is designed for the front end of marine radar system.
It features a small size and a light weight operable at any
frequency between 3.02GHz and 3.08GHz.
This front end module consists of GaAs FET low noise amplifier,
Image rejection mixer, Local VCO with buffer amplifier.
FET monitoring circuit is included in the design to monitor FET
drain current.
The stability of the local VCO frequency by the input RF power
is increased effectively by the buffer amplifier which is located
between image rejection mixer and local VCO.
■
ELECTRICAL CHARACTERISTICS
< at 25 ºC >
PARAMETERS
MINIMUM
TYPICAL
MAXIMUM
UNITS
Operating voltage
11.8
12.0
12.2
V
Operating current
-
75
100
mA
Local frequency
VT= 4V
-
-
3.05
GHz
VT=24V
3.17
-
-
GHz
Noise figure
(Note3)
-
-
3.0
dB
Conversion gain
(Note3)
6.0
8.0
-
dB
1dB Gain compression point
(IF Port)
-5.0
-
-
dBm
Monitor voltage
-
50
-
mV
RF single pulse burnout
(Note1)
-
-
600
mW
RF repetitive pulse burnout
(Note2)
-
-
400
mW
Note1: f=3.05GHz, Pd=10nsec
Note2: f=3.05GHz, Pd=1µsec, Duty=0.001
Note3: Temperature Range Ta=-25deg. ~ +75deg.
■
BLOCK DIAGRAM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com