Electronic Components Datasheet Search
  English  ▼

X  

CON305 Datasheet(PDF) 5 Page - Clarke International

Part # CON305
Description  12” VENTILATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON305 Datasheet(HTML) 5 Page - Clarke International

  CON305 Datasheet HTML 1Page - Clarke International CON305 Datasheet HTML 2Page - Clarke International CON305 Datasheet HTML 3Page - Clarke International CON305 Datasheet HTML 4Page - Clarke International CON305 Datasheet HTML 5Page - Clarke International CON305 Datasheet HTML 6Page - Clarke International CON305 Datasheet HTML 7Page - Clarke International CON305 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
BEFORE USE
Before commencing assembly, check for damage and or shortages etc, any
damage or shortage should be reported to your CLARKE dealer where the
ventilator was purchased.
This ventilator can be used with
CLARKE 12” diameter retractable
ducting sold separately in 5 metre
lengths as follows:
Yellow (3230481)
1. Before use, attach the ducting to
the discharge end of the
ventilator as shown, secured with
the tie cord provided.
2. Place the ventilator in a level
position on a flat surface and at a safe distance from flammable materials.
3. The ventilator is operated by the ON/OFF switch.
4. Connect the ventilator to a suitable power outlet.
CARE & MAINTENANCE
Clean the ventilator with a soft damp cloth, Do not use solvents or abrasives.
If used in spaces with high dust content, clean the guards and fan blades by
vacuuming or wiping. Remove the end guard to gain access to the blades.
REPLACE GUARD BEFORE RE-CONNECTING TO POWER SUPPLY.
No other maintenance is required, should you discover any problem with the
ventilator return it to the CLARKE service department for repair.
Should the fan fail to operate, check the power supply and that the fuse in the
plug has not blown. Abnormal noise while the fan is running may occur if the
fan is not standing on a level surface.
WARNING: ALWAYS DISCONNECT FROM THE POWER SUPPLY BEFORE
PERFORMING ANY CLEANING OR MAINTENANCE TASKS. REPAIRS
SHOULD BE CARRIED OUT BY THE CLARKE SERVICE DEPARTMENT.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com