Electronic Components Datasheet Search
  English  ▼

X  

CON400 Datasheet(PDF) 2 Page - Clarke International

Part # CON400
Description  16” VENTILATION FAN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON400 Datasheet(HTML) 2 Page - Clarke International

  CON400 Datasheet HTML 1Page - Clarke International CON400 Datasheet HTML 2Page - Clarke International CON400 Datasheet HTML 3Page - Clarke International CON400 Datasheet HTML 4Page - Clarke International CON400 Datasheet HTML 5Page - Clarke International CON400 Datasheet HTML 6Page - Clarke International CON400 Datasheet HTML 7Page - Clarke International CON400 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Ventilator which is designed for indoor
use in an industrial environment.
Read this manual carefully, in doing so you guarantee the safety of yourself
and that of others around you, and you can look forward to your purchase
giving you long and satisfactory service.
SAFETY WARNINGS
Make sure that you read, understand and comply with the following warnings.
POSITIONING
Be aware that the suction capability is considerable. Do not position the
ventilator where it will blow dust or hazardous fumes at people.
DO NOT place the ventilator close to any wet surface. DO NOT place against
any surface such as a wall, door or furniture etc.
DO NOT place the fan on a raised surface or anywhere it could topple over.
Only use in a level position.
Take care to ensure that the intake grille cannot be blocked by curtains or
other fabrics. Do not allow loose clothing, long hair, jewellery etc. to be drawn
into the intake side of the fan.
DO NOT operate the ventilator in explosive atmospheres such as in the
presence of flammable liquids, gases or dust such as in a paint spray booth.
Electric motors create sparks which may ignite dust or fumes.
DO NOT cover the fan or obstruct the air inlet and outlet sections of the
ventilator.
DO NOT get the ventilator wet or use in areas of high condensation.
DO NOT allow the power cable to touch hot surfaces.
ALWAYS make sure the brakes are engaged before operating.
DO NOT operate without the safety grills secured in position.
PERSONNEL SAFETY
DO NOT use the ventilator when you are tired or under the influence of
alcohol, drugs or intoxicating medication.
DO NOT stand on the ventilator.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com