Electronic Components Datasheet Search
  English  ▼

X  

CWG2 Datasheet(PDF) 2 Page - Clarke International

Part # CWG2
Description  WATER WASH GUN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CWG2 Datasheet(HTML) 2 Page - Clarke International

  CWG2 Datasheet HTML 1Page - Clarke International CWG2 Datasheet HTML 2Page - Clarke International CWG2 Datasheet HTML 3Page - Clarke International CWG2 Datasheet HTML 4Page - Clarke International CWG2 Datasheet HTML 5Page - Clarke International CWG2 Datasheet HTML 6Page - Clarke International CWG2 Datasheet HTML 7Page - Clarke International CWG2 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Water Wash Gun.
Before attempting to use this product, please read this manual thoroughly and
follow the instructions carefully. In doing so you will ensure the safety of yourself
and that of others around you, and you can look forward to your purchase
giving you long and satisfactory service.
SPECIFICATION
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12
months from the date of purchase. Please keep your receipt which will be
required as proof of purchase.
This guarantee is invalid if the product is found to have been abused or
tampered with in any way, or not used for the purpose for which it was
intended.
Faulty goods should be returned to their place of purchase, no product can
be returned to us without prior permission. This guarantee does not effect your
statutory rights.
ACCESSORIES
A wide range of accessories is available including filter/regulators, lubricators,
high-pressure hoses (5 to 50 metres) etc.
Contact your Clarke dealer for further information.
Model Number
CWG2
Max Operating Pressure
90 psi (6.2 bar)
Air Consumption
10 cfm (max @90psi)
Air Inlet Size
1/4“BSP male
Weight(s)
0.3 kg
Dimensions (L x W x H)
155 x 250 x 35 mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com