Electronic Components Datasheet Search
  English  ▼

X  

CL20 Datasheet(PDF) 3 Page - Clarke International

Part # CL20
Description  12” PLATE AXIAL EXHAUST FAN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CL20 Datasheet(HTML) 3 Page - Clarke International

  CL20 Datasheet HTML 1Page - Clarke International CL20 Datasheet HTML 2Page - Clarke International CL20 Datasheet HTML 3Page - Clarke International CL20 Datasheet HTML 4Page - Clarke International CL20 Datasheet HTML 5Page - Clarke International CL20 Datasheet HTML 6Page - Clarke International CL20 Datasheet HTML 7Page - Clarke International CL20 Datasheet HTML 8Page - Clarke International CL20 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
GENERAL SAFETY WARNINGS
NOTE: This product DOES NOT come with a plug, for electrical connectivity
please consult pages 4-5 of this manual.
1. Please keep these instructions in a safe place for future reference.
2. NEVER carry out any alterations or modifications to this product.
3. NEVER carry out any maintenance on this product unless the power has been
isolated.
4. Inspect the power cable and plug (if used) for damage and ensure that no
connections are loose. DO NOT use this unit if it has a damaged supply cable.
Any damage should be properly repaired or the part replaced.
5. DO NOT use an adaptor plug with earthed (grounded) appliances. Correct plugs
and outlets will reduce the risk of electric shock.
6. Position the power cable so that it cannot be inadvertently pulled or pinched and
where it does not cause a trip hazard.
7. NEVER abuse the mains cable or wrench the cable to disconnect it from the
socket. Keep the cable away from sharp edges or hot surfaces.
8. NEVER insert anything into the fan grille, unless the power has been isolated.
9. Store or install this product in a dry and secure place out of reach of children.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com