Electronic Components Datasheet Search
  English  ▼

X  

SB4 Datasheet(PDF) 2 Page - Clarke International

Part # SB4
Description  SPOT BLAST GUN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

SB4 Datasheet(HTML) 2 Page - Clarke International

  SB4 Datasheet HTML 1Page - Clarke International SB4 Datasheet HTML 2Page - Clarke International SB4 Datasheet HTML 3Page - Clarke International SB4 Datasheet HTML 4Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
- 2 -
SPECIFICATIONS
Please note that the details and specifications contained herein are correct at the time of going to
print. However CLARKE International reserve the right to change specifications at any time without
prior notice.
Model : ..................................................
SB4
Part No : .................................................
5091103
Air Consumption @ 90PSI : ...................
15 cfm
Air Inlet Connector : .............................
¼”BSP
Nozzle : ..................................................
6 mm
Operating Pressure : ............................
5.5-6.5bar
Hose + Pick-up Length ........................
3M
- 7 -



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com