Electronic Components Datasheet Search
  English  ▼

X  

CSBCT Datasheet(PDF) 7 Page - Clarke International

Part # CSBCT
Description  SODA BLAST CONVERSION KIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSBCT Datasheet(HTML) 7 Page - Clarke International

  CSBCT Datasheet HTML 1Page - Clarke International CSBCT Datasheet HTML 2Page - Clarke International CSBCT Datasheet HTML 3Page - Clarke International CSBCT Datasheet HTML 4Page - Clarke International CSBCT Datasheet HTML 5Page - Clarke International CSBCT Datasheet HTML 6Page - Clarke International CSBCT Datasheet HTML 7Page - Clarke International CSBCT Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SODA GRIT
MODEL NO.
DESCRIPTION
PART NO.
Soda Blast Abrasive - Coarse (7.5kg)
3052805
Soda Blast Abrasive - Coarse (22kg)
3052800
OTHER ABRASIVES AVAILABLE FROM CLARKE
MODEL NO.
DESCRIPTION
PART NO.
AOP60
60 Grit Aluminium Oxide Abrasive (22kg)
3052070
AOP80
80 Grit Aluminium Oxide Abrasive (22kg)
3052075
AOP120
120 Grit Aluminium Oxide Abrasive (22kg)
3052080
60/80 Grit Aluminium Oxide Abrasive (7.5kg)
3052100
60/80 Grit Aluminium Oxide Abrasive (20kg)
3052110
80/120 Grit Aluminium Oxide Abrasive (7.5kg)
3052105
GP22
30/60 Grit Garnet Abrasive (22kg)
3052090
23 BOL Glass Bead Abrasive (20kg)
3052095



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com