Electronic Components Datasheet Search
  English  ▼

X  

CC154 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CC154
Description  Ceramic Surface Mount VCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CC154 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CC154 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CARDINAL COMPONENTS
89
89
Cardinal Components, Inc., 155 Rt. 46 W, Wayne, NJ. 07470 TEL: (973)785-1333 FAX: (973)785-0053
http://www.cardinalxtal.com
E-Mail: cardinal@cardinalxtal.com
89
CARDINAL COMPONENTS
CARDINAL COMPONENTS
.
Specifications:
Frequency Range:
8.000 MHz to 36.000 MHz
Available Stability Options: ±50 ppm
Output Series:
HCMOS
Input Voltage:
+5.0 VDC ±5%
+3.3 VDC ±5%
Frequency Tuning Range:
±100 ppm @ 5.0V
±80 ppm @ 3.3VDC
±50 ppm
±15 ppm
±20 ppm
External Control Voltage:
+2.5 VDC, ±2.0 VDC @ 5V input
+1.65 VDC, ±1.0 VDC @ 3.3V input
Tristate Input:
@+5 VDC Input
+0.80 VDC Max. to Disable
+3.60 VDC Min. to Enable
or open to Enable
@3.3 VDC & 3.0 VDC Input
+0.80 VDC Max. to Disable
+2.20 VDC Min. to Enable
or open to Enable
Output Voltage:
HCMOS VOL=10%VDD V Max.
HCMOS VOH=90%VDD V Min.
Operating Temperature
0°C to +70°C
Output Load:
15 pf
Maximum Input Current:
30 mA
Maximum Rise/Fall Time:
8 ns
Duty Cycle:
40/60%
45/55%
Storage Temperature:
-40°C to +85°C
Packaging:
Tape and Reel (1K per Reel)
Ceramic Surface Mount VCXO
• 4.0 mm max. height
• Tri-State Control
CC154
Part Numbering Example: CC154 L Z - A6 BP 45 - 22.5792 TS B
SERIES
CC154
CC154
OPERATING TEMP.
A6 = 0°C ~ +70°C
A6
STABILITY
BP = ±50 ppm
BP
SYMMETRY
Blank = 40/60%
45 = 45/55%
45
FREQUENCY
22.5792
PULL RANGE
B = ±100 ppm
N = ±80 ppm
B
PACKAGING OPTIONS
Blank = Bulk
Z = Tape and Reel
Z
TS = Tri-State
TS
TRI-STATE
Series
Blank = 5V
L = 3.3V
L
VOLTAGE
CC154


Similar Part No. - CC154

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CC15-2403SF-E TDK-CC15-2403SF-E Datasheet
255Kb / 2P
Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
CC15-2403SF-E TDK-CC15-2403SF-E Datasheet
255Kb / 2P
Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
CC15-2403SF-E TDK-CC15-2403SF-E Datasheet
5Mb / 25P
Insulation type DC-DC converter
CC15-2403SF-E TDK-CC15-2403SF-E Datasheet
5Mb / 25P
Insulation type DC-DC converter
CC15-2403SFH-E TDK-CC15-2403SFH-E Datasheet
198Kb / 2P
DC-DC Converters
More results

Similar Description - CC154

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VF194 ETC2-VF194 Datasheet
210Kb / 1P
Surface Mount VCXO
logo
ECM Electronics Limited...
ECV40 ECM-ECV40 Datasheet
74Kb / 1P
Surface Mount VCXO
VF194 ECM-VF194 Datasheet
210Kb / 1P
Surface Mount VCXO
VF594 ECM-VF594 Datasheet
165Kb / 1P
Surface Mount VCXO
VF594T ECM-VF594T Datasheet
169Kb / 1P
Surface Mount VCXO
logo
Advanced Crystal Techno...
ACT-SMPV-6 ACT-ACT-SMPV-6 Datasheet
567Kb / 3P
Surface Mount VCXO
2/08/05
logo
List of Unclassifed Man...
CAVZ-A6BP ETC2-CAVZ-A6BP Datasheet
43Kb / 1P
Ceramic Surface Mount VCXO
logo
Connor-Winfield Corpora...
VSA31012 CONNOR-WINFIELD-VSA31012 Datasheet
64Kb / 1P
SURFACE MOUNT ACMOS VCXO
VSML31151 CONNOR-WINFIELD-VSML31151 Datasheet
120Kb / 2P
SURFACE MOUNT 3.3V VCXO
logo
Golledge Electronics Lt...
GVXO-331G GOLLEDGE-GVXO-331G Datasheet
595Kb / 5P
1.8V Surface Mount VCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com