Electronic Components Datasheet Search
  English  ▼

X  

CIH3021 Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # CIH3021
Description  3 Lead Test Sets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CIH3021 Datasheet(HTML) 1 Page - Electronic Components Ltd.

  CIH3021 Datasheet HTML 1Page - Electronic Components Ltd. CIH3021 Datasheet HTML 2Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CLIFF
Cliff Electronic Components Limited,
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Redhill, Surrey RH1 2PF U.K.
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
www.cliffuk.co.uk
3 Lead Test Sets
RoHS
CIH29910
Unfused Probes to 90° 4mm Plugs
(Blue / Green / Brown)
Includes CAT III Probe Adaptors
Length : 1.5m
Packed in plastic wallet
CIH29915
Unfused Probes to 90° 4mm Plugs
(Blue / Green / Brown)
Includes CAT III Probe Adaptors
Length : 1.5m
3 x Push Fit Croc Clips
Packed in plastic wallet
CIH29916
Unfused Probes to 90° 4mm Plugs
(Red / Black / Green)
Includes CAT III Probe Adaptors
Length : 1.5m
3 x Push Fit Croc Clips
Packed in plastic wallet
CIH29917
Unfused Probes to 90° 4mm Plugs
(Blue / Green / Red)
Includes CAT III Probe Adaptors
Length : 1.5m
3 x Push Fit Croc Clips
Packed in plastic wallet
All Components conform to IEC 61010
© 2014 Iss1


Similar Part No. - CIH3021

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CIH3030A CITIZEN-CIH3030A Datasheet
205Kb / 1P
Thin SMD Inductor
CIH3030A101M CITIZEN-CIH3030A101M Datasheet
205Kb / 1P
Thin SMD Inductor
CIH3030A151M CITIZEN-CIH3030A151M Datasheet
205Kb / 1P
Thin SMD Inductor
CIH3030A221M CITIZEN-CIH3030A221M Datasheet
205Kb / 1P
Thin SMD Inductor
CIH3030A331M CITIZEN-CIH3030A331M Datasheet
205Kb / 1P
Thin SMD Inductor
More results

Similar Description - CIH3021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
87050E HP-87050E Datasheet
1Mb / 20P
50 Ohm Multiport Test Sets
87075C HP-87075C Datasheet
623Kb / 20P
75-Ohm Multiport Test Sets
logo
Pomona Electronics
4408 POMONA-4408 Datasheet
27Kb / 1P
Test Lead Holder
5898 POMONA-5898 Datasheet
24Kb / 1P
Replacement Test Lead Sets
logo
CAMBION Electronic Comp...
445-8600 CAMBION-445-8600 Datasheet
25Kb / 1P
Connectaball Test Lead
445-8601 CAMBION-445-8601 Datasheet
26Kb / 1P
Connectaball Test Lead
logo
General Cable Technolog...
C1318 GENERAL-C1318 Datasheet
72Kb / 1P
TEST LEAD WIRE
C1319 GENERAL-C1319 Datasheet
72Kb / 1P
TEST LEAD WIRE
C1321 GENERAL-C1321 Datasheet
72Kb / 1P
TEST LEAD WIRE
C1326 GENERAL-C1326 Datasheet
72Kb / 1P
TEST LEAD WIRE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com