Electronic Components Datasheet Search
  English  ▼

X  

CP30001 Datasheet(PDF) 2 Page - Electronic Components Ltd.

Part # CP30001
Description  Series 1 & 2 Male Plastic 3 pin XLR Receptacles
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CP30001 Datasheet(HTML) 2 Page - Electronic Components Ltd.

  CP30001 Datasheet HTML 1Page - Electronic Components Ltd. CP30001 Datasheet HTML 2Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CLIFF
Series 1 & 2 Male Plastic
3 pin XLR Receptacles
NACM / PC low profile
3 Pin horizontal PCB
mounting Male XLR.
Nickel Silver or Gold
plated Brass contacts
available. Optional
mounting escutcheon
sold separately.
NACM / PC (CP3002)
NACM / PC Gold (CP30022)
Escutcheon (CP30025)
XNACM5 / PC90 3 Pin
horizontal PCB mounting
male XLR for self-tap
screw fixing. Gold plated
Brass contacts. Vertical
PCB mounting also
available, part XNACM5 /
PCS. Optional EMI / RFI
Screen.
XNACM5 / PC90 (CP300252)
XNACM5 / PCS (CP300251)
EMI SCREEN (FCR14430)
XNACM2V / PCS 3 Pin
vertical PCB mounting
Male XLR with non
counter sunk mounting
holes for self-tap screw
fixing. Gold plated Brass
contacts standard.
XACM2V / PCS (CP30008)
Electrical Specifications:
Rated Current: 3 pin 5A nominal. 15A max.
Rated Voltage: 250 Vac max.
Operating Temperature: -30° C to + 80° C.
Contact Resistance (new): <10m
Ω.
Contact Resistance (after 1000 insertions): 15m
Ω max.
Dielectric Withstand: 1600Vac between all contacts.
Insulation Resistance: >109
Ω @ 500 Vdc.
Capacitance between contacts: <5pF.
Mechanical Specifications: Insertion Life (Minimum): >1000 insertions and removals.
Insertion Force: <10N.
Compatibility: Refer to list on our website.
Materials:
Housing: Polyamide 30% Glass reinforced.
Contacts: Brass, PbRz.
Plating: 5
µm. Silver over 5µm. of Nickel.
Gold plating available.
PC LAYOUT
PC LAYOUT
PC LAYOUT
Drawings available on request. Contact sales@cliffuk.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com