Electronic Components Datasheet Search
  English  ▼

X  

FC68129 Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # FC68129
Description  3.5mm 4 Pole Jack Sockets
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

FC68129 Datasheet(HTML) 1 Page - Electronic Components Ltd.

  FC68129 Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
Cliff Electronic Components Limited,
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Redhill, Surrey RH1 2PF U.K.
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
www.cliffuk.co.uk
For further information, contact: sales@cliffuk.co.uk
3.5mm 4 Pole Jack Sockets
FC68125
FC68126, FC68127
FC68128
FC68129
© CLIFF ISS. 3
FC68124 - 3.5mm 4 pole Jack Plug,
Assembly type.
Note: This plug is not to be used with FC68128
RoHS
Not compatible with plug FC68124. Suitable only for overmoulded plugs FC68122 (Ni) & FC68122G (Gold).


Similar Part No. - FC68129

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
FC68129 CLIFF-FC68129 Datasheet
1Mb / 2P
3.5mm 4 Pole Jack Sockets & Plugs
FC68129 CLIFF-FC68129 Datasheet
1Mb / 3P
3.5mm 4 Pole Jack Sockets & Plugs
More results

Similar Description - FC68129

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
SA2403 BULGIN-SA2403 Datasheet
57Kb / 1P
Plugs and Sockets (3 & 4 pole)
logo
CUI INC
SJ5-43502PM CUI-SJ5-43502PM Datasheet
27Kb / 1P
3.5mm Panel Mount Audio Jack - 4 Connector
logo
Emerson Network Power
ADT-2735-FF-3MM-02-01 EMERSON-NETWORKPOWER-ADT-2735-FF-3MM-02-01 Datasheet
72Kb / 1P
ADAPTER - 3.5MM JACK TO 3.5MM PLUG OUTLINE
logo
Adam Technologies, Inc.
ASJ-96-3 ADAM-TECH-ASJ-96-3 Datasheet
75Kb / 1P
3.5MM PHONE JACK
logo
CUI INC
MJ-3536 CUI-MJ-3536 Datasheet
263Kb / 2P
3.5MM AUDIO JACK
MJ-3536N CUI-MJ-3536N Datasheet
22Kb / 1P
3.5mm AUDIO JACK - MONO
SJ-43502PM CUI-SJ-43502PM Datasheet
265Kb / 1P
3.5mm Panel Mount Audio Jack - 4 Connector
SJ-3545 CUI-SJ-3545 Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
logo
Kycon, Inc.
STX-35061 KYCON-STX-35061 Datasheet
403Kb / 1P
3.5mm Audio Jack, Through Hole, 4 Pole
logo
List of Unclassifed Man...
MJ-064H ETC1-MJ-064H Datasheet
488Kb / 2P
3.5mm Jack - Socket, 4 pole
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com