Electronic Components Datasheet Search
  English  ▼

X  

FC6166 Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # FC6166
Description  BLACK METAL XLR CONNECTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

FC6166 Datasheet(HTML) 1 Page - Electronic Components Ltd.

  FC6166 Datasheet HTML 1Page - Electronic Components Ltd. FC6166 Datasheet HTML 2Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CLIFF
Cliff Electronic Components Limited,
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Redhill, Surrey
1 2
U.K.
RH
PF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
www.cliffuk.co.uk
üRoHS
©
08/17
.2
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
BLACK METAL XLR CONNECTORS
F 6101
C
- 3 PIN FEMALE XLR SOCKET 3ACF/BM
F 6121
C
- 4 PIN FEMALE XLR SOCKET 4ACF/BM
F 6171
C
- 5 PIN FEMALE XLR SOCKET 5ACF/BM
F 6106
C
- 3 PIN MALE XLR SOCKET 3AC /BM
M
F 6126
C
- 4 PIN MALE XLR SOCKET 4AC /BM
M
F 6176
C
- 5 PIN MALE XLR SOCKET 5AC /BM
M
ACF
ACM
TYPICAL DIMENSIONS
TYPICAL DIMENSIONS


Similar Part No. - FC6166

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
FC6166 CLIFF-FC6166 Datasheet
156Kb / 1P
BLACK METAL XLR PLUG (FEMALE) xAPF/BM
11/05/18 ISSUED 1
FC6166 CLIFF-FC6166 Datasheet
456Kb / 2P
METAL XLR CONNECTORS
FC6166 CLIFF-FC6166 Datasheet
337Kb / 2P
METAL XLR CONNECTORS
More results

Similar Description - FC6166

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6856 POMONA-6856 Datasheet
121Kb / 1P
XLR (F/F), XLR (M/M)
logo
Amphenol Corporation
AX3M AMPHENOL-AX3M Datasheet
1Mb / 6P
AX SERIES XLR CABLE CONNECTORS
logo
List of Unclassifed Man...
RT3FC-B ETC2-RT3FC-B Datasheet
1Mb / 24P
TINY xlr Cable Connectors
NC3MXX ETC2-NC3MXX Datasheet
3Mb / 29P
XLR Connectors
logo
Neutrik AG
NC3FXX-B-CRYSTAL NEUTRIK-NC3FXX-B-CRYSTAL Datasheet
142Kb / 3P
3 pole female XLR cable connector, black metal housing with CRYSTALLIZED - Swarovski Elements, TM gold contacts
NA3MM-B NEUTRIK-NA3MM-B Datasheet
68Kb / 2P
3 pole XLR male - 3 pole XLR male (gender conversion adapter, black plated)
NA5FF-B NEUTRIK-NA5FF-B Datasheet
91Kb / 2P
5 pole XLR female - 5 pole XLR female (gender conversion adapter, black plating)
NA5MM-B NEUTRIK-NA5MM-B Datasheet
83Kb / 2P
5 pole XLR male - 5 pole XLR male (gender conversion adapter, black plating)
NA3FF-B NEUTRIK-NA3FF-B Datasheet
80Kb / 2P
3 pole XLR female - 3 pole XLR female, black Gender conversion adapter
logo
VITALCONN ELECTRONICS H...
XF103G-A VITALCONN-XF103G-A Datasheet
313Kb / 1P
XLR Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com