Electronic Components Datasheet Search
  English  ▼

X  

FC68124 Datasheet(PDF) 2 Page - Electronic Components Ltd.

Part # FC68124
Description  3.5mm 4 Pole Jack Sockets & Plugs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

FC68124 Datasheet(HTML) 2 Page - Electronic Components Ltd.

  FC68124 Datasheet HTML 1Page - Electronic Components Ltd. FC68124 Datasheet HTML 2Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cliff Electronic Components Limited,
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Redhill, Surrey
1 2
U.K.
RH
PF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
www.cliffuk.co.uk
üRoHS
For further information, contact sales@cliffuk.co.uk
CLIFF
3.5mm 4 Pole Jack Sockets & Plugs
F 68129
C
FC68124 - 3.5mm 4 pole Jack Plug, Assembly type.
Note: This plug is not to be used with F 68128
C
TIP - RED
RING - WHITE
SLEEVE+RING - BLACK
SLEEVE - SHIELD / EARTH
FC68122C
For use with FC68128
The 4 pole plug for overmoulding is also available separately as F 68122 (Nickel
C
plated) or FC68122G (Gold plated).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com