Electronic Components Datasheet Search
  English  ▼

X  

FAC01 Datasheet(PDF) 1 Page - FranMar International Inc.

Part # FAC01
Description  1W 4 Pin SIP & 8 Pin DIL Package Unregulated DC - DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANMAR [FranMar International Inc.]
Direct Link  https://www.franmar.com.tw/
Logo FRANMAR - FranMar International Inc.

FAC01 Datasheet(HTML) 1 Page - FranMar International Inc.

  FAC01 Datasheet HTML 1Page - FranMar International Inc. FAC01 Datasheet HTML 2Page - FranMar International Inc. FAC01 Datasheet HTML 3Page - FranMar International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 W 4 P i n S I P & 8 P i n D I L P a c k a g e
Unregulated DC - DC Converter
◆ No-load input current as low as 5mA
Continuous Short Circuit Protection
◆
◆ High Efficiency up to 87%
◆ Isolation Voltage 1.5KVDC & 3KVDC
◆ Operating Temperature range -40
To +105
℃℃
Industry Standard Pinout
◆
Your Smart Choice in Power
Quality Products , Fast response , Low cost
www.franmar.com.tw
SERIES
[Unit: mm (inches)]
.
Input Voltage Range (3.3/5/9V).......................................... 10%
yp
±T
Input Voltage Range (12/15/24V)....................................... 20%
yp.
±T
Filter...........................................................................Capacitor
Output Voltage Tolerance........................................................ 5% Max
.
±
Short Circuit Protection..............................Continuous,self-recovery
.
Line Regulation ................................................................1.2%
yp
1
T
.. /
.
Load Regulation .........3.3V: 20% max / 5V: 15% max
Others 10% Max
2
:
R & N (BW=DC to 20MHz) ............3.3/5/9/12/15V..........75mVp-p Max.
3
R & N (BW=DC to 20MHz) ............24V..........................100mVp-p Max.
3
Isolation Resistance (
)......................................
Min.
000M
500VD
1
ohms
Isolation Capacitance (I/P-O/P, 100KHz/0.1V)................................20 pF Typ.
Switching Freq. .............. 3.3V & 5V: 215/370KHz typ. ; Others: 250KHz yp.
T
Operating Temperature............................................... -40
To +105
℃℃
Storage Temperature................................................... -55
To +125
℃℃
%
Humidity (non-condensing)................................................95
Max.
Cooling........................................................
........Free Air Convection
........
Case Material........................................
.................................
...
DAP
H
MTBF (MIL-HDBK-217F@25
).....................................3500K
ours Min.
℃
Weight (package A/B/C)...................................................1.1/1.5/1.5 g Typ.
Dimensions (package A)........
........................11.5*6.0 7 .5mm
*
....
Dimensions (package B).....
.........................11.5*6.0 10.0mm
*
....
Dimensions (package C)......
.........................12.7*10.1 6 .8mm
*
....
Model
Number
Output
Voltage
(VDC)
Output
Current
(mA)
EFF.(%)
FAC01- S03
wxyz
5
303
2400
9
112
12
84
76
82
83
15
67
1000
470
330
3.3
24
200
42
84
84
85
2400
100
F A C01
FAC01- S05
wxyz
FAC01- S09
wxyz
FAC01- S12
wxyz
FAC01- S15
wxyz
FAC01- S24
wxyz
78
82
85
85
87
85
I/P
3.3/5/9V Others
I/P
Capacitive Load
Max.(uF)
I/P
3.3/5/9V
Others
I/P
2400
1000
680
330
2400
220
Note:
= input voltage, it can be 3.3V, 5V, 12V, 15V, 24V
w
03 = 3.3V, 05 = 5.0V, 09 = 9V, 12 = 12V, 15 = 15V, 24 = 24V
= package, it can be A (except 24V), B, or C
x
= protection, blank=no SCP, P=Short Circuit Protection
y
= isolation, blank=1.5KVDC, H3=3K
z
Note:
(1) For 1.0% of Vin (2) 10% to 100% full load (3) BW=DC to 20MHz
Pin#
4 Pin
1
-Vin
Pin Connection
Package
A/B/C
A/B/C
A/B/C
A/B/C
A/B/C
B/C
Package A
FAC01- D03
wxyz
± 151
76
82
83
84
84
85
FAC01- D05
wxyz
FAC01- D09
wxyz
FAC01- D12
wxyz
FAC01- D15
wxyz
FAC01- D24
wxyz
78
82
85
85
87
85
C
C
C
C
C
C
± 5
± 12
± 3.3
± 9
± 15
± 24
± 100
± 56
± 42
± 34
± 21
± 1200
± 1200
± 470
± 220
± 100
± 47
± 1200
± 1200
± 680
± 330
± 220
± 100
8 Pin
(Single)
8 Pin
(Dual)
-Vin
-Vin
2
+Vin
3
4
5
-Vout
7
8
-Vout
NC
+Vout
+Vout
+Vout
Note:
All Dimensions In Inches (mm)
Tolerance: xx.x 0 5
xx.xx 0 25
±. ,
± .
-Vout


Similar Part No. - FAC01

ManufacturerPart #DatasheetDescription
logo
FranMar International I...
FAC01-S FRANMAR-FAC01-S Datasheet
1Mb / 3P
1W 14 Pin SMD Package Unregulated DC - DC Converter
FAC01-S03S FRANMAR-FAC01-S03S Datasheet
1Mb / 3P
1W 14 Pin SMD Package Unregulated DC - DC Converter
FAC01-S05S FRANMAR-FAC01-S05S Datasheet
1Mb / 3P
1W 14 Pin SMD Package Unregulated DC - DC Converter
FAC01-S09S FRANMAR-FAC01-S09S Datasheet
1Mb / 3P
1W 14 Pin SMD Package Unregulated DC - DC Converter
FAC01-S12S FRANMAR-FAC01-S12S Datasheet
1Mb / 3P
1W 14 Pin SMD Package Unregulated DC - DC Converter
More results

Similar Description - FAC01

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
1W DC/DC CONVERTER, SIP-Package
logo
List of Unclassifed Man...
PB01D2415B ETC2-PB01D2415B Datasheet
211Kb / 5P
1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01_16 Datasheet
656Kb / 4P
DC/DC CONVERTER 1W, SIP-Package
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
DC/DC CONVERTER 1W, SIP-Package
MAW01 MINMAX-MAW01_16 Datasheet
577Kb / 4P
DC/DC CONVERTER 1W, SIP-Package
MBU100 MINMAX-MBU100_16 Datasheet
436Kb / 4P
DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S0509A DELTA-PB01S0509A Datasheet
211Kb / 5P
1W DC/DC CONVERTER, SIP-Package
PB01S2403A DELTA-PB01S2403A Datasheet
211Kb / 5P
1W DC/DC CONVERTER, SIP-Package
logo
Mean Well Enterprises C...
SPU01 MEANWELL-SPU01 Datasheet
105Kb / 4P
1W SIP Package DC-DC Unregulated Converter
MDS01 MEANWELL-MDS01 Datasheet
96Kb / 5P
1W SIP Package DC-DC Medical Grade Unregulated Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com