Electronic Components Datasheet Search
  English  ▼

X  

FMM01 Datasheet(PDF) 1 Page - FranMar International Inc.

Part # FMM01
Description  1Watt Single Output AC-DC Miniature Encapsulated Type Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANMAR [FranMar International Inc.]
Direct Link  https://www.franmar.com.tw/
Logo FRANMAR - FranMar International Inc.

FMM01 Datasheet(HTML) 1 Page - FranMar International Inc.

  FMM01 Datasheet HTML 1Page - FranMar International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1 W att Single Output
AC-DC Miniature Encapsulated
Type Module
www.franmar.com.tw
Input Voltage.................................................. .......
VAC
O
................
................... -
+
........
.........
....
......
....
2, 3,
D
............................. P
.
.......
~
......
.................
..........................
;
/
.....
,
()
:
.
.
ver voltage protection
Operating Temperature
0
to
Safety Standard m eets
UL62368-1
E
Design refer to IEC
EMC Standard
EN55032 Class B, EN61000-3-
EN61000-4-2 3, 4, 5, 6, 8, 11
imension
LxWxH
CB
x
x
mm
℃℃
85
305
Overload protection
> 110
115
135
rated output voltage
Withstand voltage.........
I P O P
3KVA C
385
61558-1 -2-16
..............
......
-
EN55024,
33
22 2
15
Dimension
LxWxH
............................. SMD
33
x 22 2 x 16 mm
............................................................
%
%~
%
.................................... / - / :
;
()
:
.
.
C
7
7
FMM01
◆
< 0.075
◆,
◆/
◆/
/
◆
◆
◆
55032
/
◆
◆5
◆,
,
◆
No load power consumption
Miniature size high power density
Universal AC input Full range
Protection: Short circuit OLP OVP
Cooling by free air convection
Isolation Class II
Comply with EN
class B w o any additional components
Fully isolated plastic case
Withstand G vibration test
Low cost high reliability pass LPS
3 years warranty
W
Remark: P = PCB mounting style
S = SMD type
Model
Number
70
150mV
72
150mV
74
150mV
75
200mV
77
200mV
FMM01-S05-P/S
FMM01-S09-P/S
FMM01-S12-P/S
FMM01-S15-P/S
FMM01-S24-P/S
66
150mV
FMM01-S03-P/S
Output
Voltage
(VDC)
Output
Current
(mA)
5.0
9.0
12.0
15.0
24.0
0~300
0~200
0~111
0~83
0~67
3.3
0~42
EFF.
%
R&N
±2.5%
±2.5%
±2.5%
±2.5%
±2.5%
±2.5%
◎ PCB Mounting Type
0.6 [0.024]
33.7 [1.33]
28.0 [1.1]
15 [0.59]
9.35 [0.37]
2.85 [0.11]
+V
-V
AC/N
AC/L
2-Ø4.5
33.7 [1.33]
Voltage
Tolerance
◎ SMD Type
0.3 [0.012]
1.5 [0.059]
Pin No.
1
24
13
12
others
Assignment
AC/L
AC/N
-Vo
+Vo
N.C.
22.2 [0.87]
27.3 [1.07]
1
12
13
24
3
5
9
10
11
14
15
16
22
20
1.0 [0.04]
0.45 [0.02]
16.0 [0.63]
11.1 [0.44]
Your Smart Choice in Power
Quality Products , Fast response , Low cost
40


Similar Part No. - FMM01

ManufacturerPart #DatasheetDescription
logo
FranMar International I...
FMM010 FRANMAR-FMM010 Datasheet
78Kb / 1P
10 Watt Single Output AC-DC Miniature Encapsulated Type Module
FMM010-S03-P FRANMAR-FMM010-S03-P Datasheet
78Kb / 1P
10 Watt Single Output AC-DC Miniature Encapsulated Type Module
FMM010-S05-P FRANMAR-FMM010-S05-P Datasheet
78Kb / 1P
10 Watt Single Output AC-DC Miniature Encapsulated Type Module
FMM010-S12-P FRANMAR-FMM010-S12-P Datasheet
78Kb / 1P
10 Watt Single Output AC-DC Miniature Encapsulated Type Module
FMM010-S15-P FRANMAR-FMM010-S15-P Datasheet
78Kb / 1P
10 Watt Single Output AC-DC Miniature Encapsulated Type Module
More results

Similar Description - FMM01

ManufacturerPart #DatasheetDescription
logo
CET Technology, LLC
CT-13DS4 CETTECHNOLOGY-CT-13DS4 Datasheet
288Kb / 2P
1000Vdc Isolation Single & Dual Output 1watt Dc-Dc Converter
logo
Mean Well Enterprises C...
IRM-30 MEANWELL-IRM-30 Datasheet
90Kb / 4P
30W Single Output Encapsulated Type
IRM-45 MEANWELL-IRM-45 Datasheet
566Kb / 4P
45W Single Output Encapsulated Type
IRM-60 MEANWELL-IRM-60 Datasheet
3Mb / 4P
60W Single Output Encapsulated Type
logo
AIMTEC
AME1-AZ AIMTEC-AME1-AZ_16 Datasheet
163Kb / 3P
1Watt | AC-DC Converter
logo
CINCON ELECTRONICS Corp...
EC1SAN CINCON-EC1SAN Datasheet
250Kb / 2P
1WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
EC1TAN CINCON-EC1TAN Datasheet
173Kb / 2P
1WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
logo
DIWELL Electronics Co.,...
IRM-30 DIWELL-IRM-30 Datasheet
64Kb / 2P
30W Single Output Encapsulated Type
2014-12-26
IRM-45 DIWELL-IRM-45 Datasheet
74Kb / 2P
45W Single Output Encapsulated Type
2015-03-17
IRM-60 DIWELL-IRM-60 Datasheet
74Kb / 2P
60W Single Output Encapsulated Type
2015-03-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com