Electronic Components Datasheet Search
  English  ▼

X  

FMM02 Datasheet(PDF) 1 Page - FranMar International Inc.

Part # FMM02
Description  2Watt Single Output AC-DC Miniature Encapsulated Type Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANMAR [FranMar International Inc.]
Direct Link  https://www.franmar.com.tw/
Logo FRANMAR - FranMar International Inc.

FMM02 Datasheet(HTML) 1 Page - FranMar International Inc.

  FMM02 Datasheet HTML 1Page - FranMar International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2 W att Single Output
AC-DC Miniature Encapsulated
Type Module
www.franmar.com.tw
Input Voltage.................................................. .
.....
VAC
O
................
................... -
+
.......
.
.........
.....
.........
, 3
D
............................. P
...............
..
..........................
;
.....
,
()
:
.
.
ver voltage protection
Operating Temperature
0
to
Safety Standard meets
UL62368-1
E
Design refer to
MC Standard
E 550 2 Class B, E
-3
EN61000-4-2 3, 4, 5, 6, 8, 11
imension
LxWxH
CB
x
x
mm
......
℃
℃
.................
85
305
Overload protection
> 110
.................. 115
135
rated output voltage
Withstand voltage.........
......
I P O P
3KVAC
...........
3
85
...........
EN61558 1 -2 16
E
.............
N
3
N61000 -2 -
EN55024,
33
22 2
15
Dimension
LxWxH
............................. SMD
33
x 22 2 x 16 mm
...........................................................
%
%~
%
................................
.... / - / :
;
-/ -
()
:
.
.
C
7
7
FMM02
◆
< 0.075
◆,
◆/
◆/
/
◆
◆
◆
55032
/
◆
◆5
◆,
,
◆
No load power consumption
Miniature size high power density
Universal AC input Full range
Protection: Short circuit OLP OVP
Cooling by free air convection
Isolation Class II
Comply with EN
class B w o any additional components
Fully isolated plastic case
Withstand G vibration test
Low cost high reliability pass LPS
3 years warranty
W
Remark: P = PCB mounting style
S = SMD type
70
150mV
72
150mV
74
150mV
75
200mV
77
200mV
FMM02-S05-P/S
FMM02-S09-P/S
FMM02-S12-P/S
FMM02-S15-P/S
FMM02-S24-P/S
66
150mV
FMM02-S03-P/S
5.0
9.0
12.0
15.0
24.0
0~600
0~400
0~222
0~167
0~133
3.3
0~83
±2.5%
±2.5%
±2.5%
±2.5%
±2.5%
±2.5%
Model
Number
Output
Voltage
(VDC)
Output
Current
(mA)
EFF.
%
R&N
Voltage
Tolerance
◎ PCB Mounting Type
0.6 [0.024]
33.7 [1.33]
28.0 [1.1]
15 [0.59]
9.35 [0.37]
2.85 [0.11]
+V
-V
AC/N
AC/L
2-Ø4.5
33.7 [1.33]
◎ SMD Type
0.3 [0.012]
1.5 [0.059]
Pin No.
1
24
13
12
others
Assignment
AC/L
AC/N
-Vo
+Vo
N.C.
22.2 [0.87]
27.3 [1.07]
1
12
13
24
3
5
9
10
11
14
15
16
22
20
1.0 [0.04]
0.45 [0.02]
16.0 [0.63]
11.1 [0.44]
Your Smart Choice in Power
Quality Products , Fast response , Low cost
41


Similar Part No. - FMM02

ManufacturerPart #DatasheetDescription
logo
FranMar International I...
FMM020 FRANMAR-FMM020 Datasheet
78Kb / 1P
20 Watt Single Output AC-DC Miniature Encapsulated Type Module
FMM020-S03-P FRANMAR-FMM020-S03-P Datasheet
78Kb / 1P
20 Watt Single Output AC-DC Miniature Encapsulated Type Module
FMM020-S05-P FRANMAR-FMM020-S05-P Datasheet
78Kb / 1P
20 Watt Single Output AC-DC Miniature Encapsulated Type Module
FMM020-S12-P FRANMAR-FMM020-S12-P Datasheet
78Kb / 1P
20 Watt Single Output AC-DC Miniature Encapsulated Type Module
FMM020-S15-P FRANMAR-FMM020-S15-P Datasheet
78Kb / 1P
20 Watt Single Output AC-DC Miniature Encapsulated Type Module
More results

Similar Description - FMM02

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RI-XX33 RECOM-RI-XX33 Datasheet
91Kb / 2P
2Watt SIP4 Single Output
logo
Mean Well Enterprises C...
IRM-30 MEANWELL-IRM-30 Datasheet
90Kb / 4P
30W Single Output Encapsulated Type
IRM-45 MEANWELL-IRM-45 Datasheet
566Kb / 4P
45W Single Output Encapsulated Type
IRM-60 MEANWELL-IRM-60 Datasheet
3Mb / 4P
60W Single Output Encapsulated Type
logo
AIMTEC
AME2-AZ AIMTEC-AME2-AZ_16 Datasheet
178Kb / 3P
2Watt | AC-DC Converter
logo
CINCON ELECTRONICS Corp...
EC2SAN CINCON-EC2SAN Datasheet
180Kb / 2P
2WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
EC2SANH CINCON-EC2SANH Datasheet
363Kb / 2P
2WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
logo
DIWELL Electronics Co.,...
IRM-30 DIWELL-IRM-30 Datasheet
64Kb / 2P
30W Single Output Encapsulated Type
2014-12-26
IRM-45 DIWELL-IRM-45 Datasheet
74Kb / 2P
45W Single Output Encapsulated Type
2015-03-17
IRM-60 DIWELL-IRM-60 Datasheet
74Kb / 2P
60W Single Output Encapsulated Type
2015-03-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com