Electronic Components Datasheet Search
  English  ▼

X  

1232016 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1232016
Description  Planetary Gearhead - P32H
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1232016 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1232016 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1232016 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1232016 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1232016 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LMC
LANDING Motion Control Co. Ltd.
Planetary Gearhead – P32H
-30 to +105℃
Recommended operating temperature range.
≤0.1 mm
-Axial
≤0.05 mm
- Radial(5mm from flange)
Shaft play
≤140N
Shaft press fit force
≤100N
-Axial
≤140N
- Radial ( 6mm from flange)
Output shaft load:
Ball bearing
Bearings on output shaft
=
Direction of rotation (Input / Output)
6,000 rpm
- Continuous operation
Recommended maximum input speed for:
Steel
Gear material
Stainless steel
Housing material
200
≤1.5°
59
7.2
6
58.2
5
185
≤1.5°
65
7.2
6
51.9
4
170
≤1.5°
73
7.2
6
45.6
3
155
≤1.5°
81
3.9
3
39.3
2
140
≤1°
90
1.3
1
33
1
Intermittent
Operation
Continuous
Operation
Weight (g)
Backslash
(without load)
Efficiency (%)
Output Torque (N.m)
Length (mm)
Number of
Gear Stages


Similar Part No. - 1232016

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
123201 ADELS-123201 Datasheet
116Kb / 2P
500/ 1 35
logo
ROSE Systemtechnik GmbH
1232011 ROSE-1232011 Datasheet
689Kb / 3P
Aluminium Enclosure Standard
More results

Similar Description - 1232016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17PL005.5 ETC2-17PL005.5 Datasheet
83Kb / 2P
NEMA 17 Planetary Gearhead
17PL005 ETC2-17PL005 Datasheet
83Kb / 2P
NEMA 17 Planetary Gearhead
17PL022 ETC2-17PL022 Datasheet
83Kb / 2P
NEMA 17 Planetary Gearhead
17PL040 ETC2-17PL040 Datasheet
83Kb / 2P
NEMA 17 Planetary Gearhead
17PN016 ETC2-17PN016 Datasheet
87Kb / 2P
NEMA 17 Planetary Gearhead
17PN022 ETC2-17PN022 Datasheet
85Kb / 2P
NEMA 17 Planetary Gearhead
17VL007 ETC2-17VL007 Datasheet
83Kb / 2P
NEMA 17 Planetary Gearhead
17VL050 ETC2-17VL050 Datasheet
83Kb / 2P
NEMA 17 Planetary Gearhead
17VL100 ETC2-17VL100 Datasheet
83Kb / 2P
NEMA 17 Planetary Gearhead
23PL005.5 ETC2-23PL005.5 Datasheet
98Kb / 3P
NEMA 23 Planetary Gearhead
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com