Electronic Components Datasheet Search
  English  ▼

X  

SC4253 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC4253
Description  TNC Female Bulkhead Connector Solder Attachment For RG405, RG405 Tinned, .086 SR Cable IP67 Unmated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC4253 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC4253 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC4253 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC4253 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 1.1 Page 1 of 3
Copyright © 2016
TNC female bulkhead connector with solder/solder attachment for RG405, RG405
Tinned and .086 SR, part number SC4253, from Fairview Microwave is in-stock and
ships same day. This TNC female connector operates up to a maximum frequency
of 6 GHz and offers excellent VSWR of 1.25:1. Fairview’s SC4253 bulkhead TNC
connector enables designers to make external connections on product enclosures,
and can be used in a variety of other rack mount and panel mount applications.
Our SC4253 connector has an IP67 rating to protect against dust and temporary
moisture protection under immersion conditions.
Fairview’s TNC female bulkhead connector SC4253 datasheet specifications
and outline drawing are shown in this PDF below. Our extensive offering of RF,
microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. From providing an I/O
for a board design to creating a custom cable assembly configuration, Fairview
Microwave has a connector solution to meet your needs. Fairview Microwave also
has the expertise to build your custom cable assemblies for you and ship them
same-day.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
6
GHz
VSWR
1.25:1
.
Mechanical Specifications
Size
Length
1.11 in [28.19 mm]
Width/Dia.
0.795 in [20.19 mm]
.
Weight
0.0455 lbs [20.64 g]
.
Material Specifications
.
Description
Material
Plating
Contact
Phosphor Bronze
Gold
30 µin minimum
.
Insulation
PTFE
.
Outer Conductor
Brass
Nickel
.
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
Ingress Protection (IP) Rating
IP67 Unmated
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
SC4253
DATA SHEET
TNC Female Bulkhead Connector Solder Attachment
For RG405, RG405 Tinned, .086 SR Cable
IP67 Unmated
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
• TNC Female Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• RG405, RG405 Tinned, .086 SR
Interface Type
• Solder/Solder Attachment
• Bulkhead
• 5/8 inch Hex
Features:
• Operating Frequency
of 6 GHz Max.
• Excellent VSWR of 1.25:1
• Gold Plated Phosphor
Bronze Contact
• 30 µin minimum contact plating
• IP67 Unmated
Applications:
• General Purpose Test
• Rack and Panel Mount
Applications
• Custom Cable Assemblies


Similar Part No. - SC4253

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
SC4250 SEMTECH-SC4250 Datasheet
251Kb / 12P
Negative Voltage Hot Swap Controller
SC4250HISTR SEMTECH-SC4250HISTR Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
SC4250HISTR SEMTECH-SC4250HISTR Datasheet
251Kb / 12P
Negative Voltage Hot Swap Controller
SC4250HISTRT SEMTECH-SC4250HISTRT Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
More results

Similar Description - SC4253

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4443 PASTERNACK-PE4443 Datasheet
124Kb / 1P
N FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE4703 PASTERNACK-PE4703 Datasheet
97Kb / 1P
REVERSE POLARITY TNC FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE4149 PASTERNACK-PE4149 Datasheet
95Kb / 1P
TNC FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE4649 PASTERNACK-PE4649 Datasheet
231Kb / 3P
TNC Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4693 PASTERNACK-PE4693 Datasheet
125Kb / 1P
REVERSE POLARITY TNC FEMALE SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL PE-SR405FL
PE44714 PASTERNACK-PE44714 Datasheet
237Kb / 3P
TNC Female Bulkhead Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44974 PASTERNACK-PE44974 Datasheet
364Kb / 3P
Mini SMP Female Connector Solder Attachment for RG405, PE-SR405FL
PE44898 PASTERNACK-PE44898 Datasheet
405Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment for RG405 - U, PE-SR405FL, PE-SR405FLJ IP 67 Rated
PE44896 PASTERNACK-PE44896 Datasheet
344Kb / 3P
MHV Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, IP67 Unmated
PE91242 PASTERNACK-PE91242 Datasheet
361Kb / 3P
Bulkhead TNC Female to TNC Female Adapter IP67 UnMated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com