Electronic Components Datasheet Search
  English  ▼

X  

SC4258 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC4258
Description  RA TNC Female Bulkhead Connector Crimp/Solder Attachment for LMR-200 Cable , .480 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC4258 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC4258 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC4258 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC4258 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The Right Parts, Right Away
+1 (866) 839-4711 | sales@fairviewmicrowave.com | fairviewmicrowave.com
1
© 2023 Infinite Electronics, Inc. Fairview Microwave is a registered trademark of Infinite Electronics, Inc.
RA TNC Female Bulkhead Connector Crimp/Solder
Attachment for LMR-200 Cable , .480 inch D Hole
SC4258
Configuration
• TNC Female Connector
• 50 Ohms
• Right Angle Body Geometry
• Connector Interface Types: LMR-200
• Bulkhead
Features
• Operating Frequency of 6 GHz Max.
• Gold Plated Brass Contact
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Custom Cable Assemblies
Description
RA TNC Female Bulkhead Standard Bulkhead Connector Crimp/Solder Attachment for LMR-200 Cable, part number SC4258, from Fairview
Microwave is in-stock and ships same day. This TNC female connector operates up to a maximum frequency of 6 GHz. Its right angle body
geometry facilitates connections in tight spaces. Fairview's SC4258 bulkhead TNC connector enables designers to make external connections
on product enclosures, and can be used in a variety of other rack mount and panel mount applications.
Fairview's RA TNC female bulkhead connector SC4258 datasheet specifications and outline drawing are shown in this PDF below. Our
extensive offering of RF, microwave and millimeter wave connectors allows designers to configure and customize their signal connections
however they like. From providing an I/O for a board design to creating a custom cable assembly configuration, Fairview Microwave has a
connector solution to meet your needs. Fairview Microwave also has the expertise to build your custom cable assemblies for you and ship
them same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
Dielectric Withstanding Voltage (AC)
500
Vrms
Impedance
50
Ohms
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 6
GHz
VSWR, Max
1.35:1
Mechanical Specifications
Size
Length
1.44 in [36.58 mm]
Width
0.7 in [17.78 mm]
Height
1.338 in [33.99 mm]
Weight
0.074 lbs [33.57 g]


Similar Part No. - SC4258

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
SC4250 SEMTECH-SC4250 Datasheet
251Kb / 12P
Negative Voltage Hot Swap Controller
SC4250HISTR SEMTECH-SC4250HISTR Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
SC4250HISTR SEMTECH-SC4250HISTR Datasheet
251Kb / 12P
Negative Voltage Hot Swap Controller
SC4250HISTRT SEMTECH-SC4250HISTRT Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
More results

Similar Description - SC4258

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4465 PASTERNACK-PE4465 Datasheet
258Kb / 2P
TNC Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4466 PASTERNACK-PE4466 Datasheet
330Kb / 3P
TNC Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .480 inch D Hole
PE4151 PASTERNACK-PE4151 Datasheet
268Kb / 2P
TNC Female Bulkhead Connector Crimp/Solder Attachment For RG58, .480 inch D Hole
PE4696 PASTERNACK-PE4696 Datasheet
266Kb / 2P
RP TNC Female Bulkhead Connector Crimp/Solder Attachment For RG58, .480 inch D Hole
PE4700 PASTERNACK-PE4700 Datasheet
319Kb / 3P
RP TNC Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, RG188, .480 inch D Hole
PE44658 PASTERNACK-PE44658 Datasheet
219Kb / 2P
BNC Female Bulkhead Connector Crimp-Solder Attachment For RG178, RG196, .480 inch D Hole
PE44767 PASTERNACK-PE44767 Datasheet
219Kb / 2P
N Female Bulkhead Connector Crimp-Solder Attachment For LMR-200, .640 inch DD Hole
PE44847 PASTERNACK-PE44847 Datasheet
280Kb / 3P
TNC Female Right Angle Bulkhead Connector Crimp - Solder Attachment For PE-C200, LMR-200, .480 inch D Hole
PE45177 PASTERNACK-PE45177 Datasheet
419Kb / 3P
TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG188-DS, RG316-DS, .480 inch D Hole
PE4464 PASTERNACK-PE4464 Datasheet
228Kb / 3P
TNC Female Bulkhead Connector Clamp - Solder Attachment For RG59, RG62, .480 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com