Electronic Components Datasheet Search
  English  ▼

X  

CL1408 Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # CL1408
Description  JACK SOCKET NUTS AND BEZELS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CL1408 Datasheet(HTML) 1 Page - Electronic Components Ltd.

  CL1408 Datasheet HTML 1Page - Electronic Components Ltd. CL1408 Datasheet HTML 2Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CLIFF
Cliff Electronic Components Limited,
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Redhill, Surrey
1 2
U.K.
RH
PF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
www.cliffuk.co.uk
üRoHS
©
04/18
.1
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
JACK SOCKET NUTS AND BEZELS
C 14
L
08 - BLACK NUT FOR S2 JACK SOCKET
C 14
L
09 - WHITE NUT FOR S2 JACK SOCKET
C 14
L
10 - GREY NUT FOR S2 JACK SOCKET
C 14
L
12 - BLUE NUT FOR S2 JACK SOCKET
C 14
L
14 - GREEN NUT FOR S2 JACK SOCKET
C 14
L
16 - RED NUT FOR S2 JACK SOCKET
C 14
L
20 - YELLOW NUT FOR S2 JACK SOCKET
Nylon coloured nuts for use with our range of S2 6.35mm Jack Sockets.


Similar Part No. - CL1408

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
CL1402A00 SHIELD-CL1402A00 Datasheet
211Kb / 2P
For electrovalves, style C, 2p or 3p G, female, with cable
CL1403A00 SHIELD-CL1403A00 Datasheet
211Kb / 2P
For electrovalves, style C, 2p or 3p G, female, with cable
CL1404A20 SHIELD-CL1404A20 Datasheet
211Kb / 2P
For electrovalves, style C, 2p or 3p G, female, with cable
CL1404A40 SHIELD-CL1404A40 Datasheet
211Kb / 2P
For electrovalves, style C, 2p or 3p G, female, with cable
CL1404A60 SHIELD-CL1404A60 Datasheet
211Kb / 2P
For electrovalves, style C, 2p or 3p G, female, with cable
More results

Similar Description - CL1408

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-BZL1-C MURATA-PS-DMS-BZL1-C Datasheet
124Kb / 2P
Panel Mount Bezels for DMS Meters
logo
FCI connector
C01-8646-0297 FCI-CONNECTOR-C01-8646-0297 Datasheet
90Kb / 1P
SOCKET CONNECT. DELTA D RIGHT ANGLED WITH NUTS.
C01-8646-0486 FCI-CONNECTOR-C01-8646-0486 Datasheet
86Kb / 1P
SOCKET CONNECT. DELTA D RIGHT ANGLED WITH NUTS.
logo
List of Unclassifed Man...
3241 ETC2-3241 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Honeywell Accelerometer...
AD3721R HONEYWELL-ACC-AD3721R Datasheet
51Kb / 1P
SCREWS NUTS AND LOCKWASHERS FURNISHED UNASSEMBLED
logo
Hammond Manufacturing L...
1455A1002 HAMMOND-1455A1002 Datasheet
214Kb / 1P
Bezels made from polycarbonate.
1455B802 HAMMOND-1455B802 Datasheet
220Kb / 1P
Bezels made from polycarbonate.
1455B1002 HAMMOND-1455B1002 Datasheet
209Kb / 1P
Bezels made from polycarbonate.
1455B1202 HAMMOND-1455B1202 Datasheet
219Kb / 1P
Bezels made from polycarbonate.
logo
List of Unclassifed Man...
48AN007 ETC2-48AN007 Datasheet
122Kb / 2P
Nuts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com