Electronic Components Datasheet Search
  English  ▼

X  

CL15001B Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # CL15001B
Description  TERMINAL TP9
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CL15001B Datasheet(HTML) 1 Page - Electronic Components Ltd.

  CL15001B Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
Cliff Electronic Components Limited,
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Redhill, Surrey
1 2
U.K.
RH
PF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
www.cliffuk.co.uk
üRoHS
©
2/18
.1
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
TERMINAL TP9
Part No. CL15001R
Part No. CL15001B
A heavy current terminal with a non-rotating head for lettering. The
rotating collar is captive and the clamping gap is free from threads.
Current Rating:
30A.
Temperature Range:
-25°C to +85°C
Materials:
Head - Phenolic resin
Disc - K resin
Post - Brass, Nickel plated
Weight:
Approx. 25.5g


Similar Part No. - CL15001B

ManufacturerPart #DatasheetDescription
logo
Klein Tools, Inc.
CL150 KLEIN-CL150 Datasheet
184Kb / 1P
Flexible AC Current Clamp
CL150-2901129 KLEIN-CL150-2901129 Datasheet
184Kb / 1P
Flexible AC Current Clamp
logo
CHIPLINK SEMICONDUCTOR
CL1501 CHIPLINK-CL1501 Datasheet
371Kb / 9P
Non-isolated step-down LED constant current driver
logo
RFHIC
CL1501-L RFHIC-CL1501-L Datasheet
603Kb / 8P
Low Noise Amplifier
CL1501-L RFHIC-CL1501-L Datasheet
586Kb / 9P
Low Noise Amplifier
More results

Similar Description - CL15001B

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
H2101-01 HARWIN-H2101-01 Datasheet
67Kb / 1P
TERMINAL
H2105A01 HARWIN-H2105A01 Datasheet
65Kb / 1P
TERMINAL
logo
Weidmuller
0514200000 WEIDMULLER-0514200000 Datasheet
51Kb / 2P
Modular terminal, accessories, Terminal rail (cable Modular terminal, accessories, Terminal rail (cable
logo
Harwin Plc
H2155-01 HARWIN-H2155-01 Datasheet
64Kb / 1P
TERMINAL
H2159-01 HARWIN-H2159-01 Datasheet
46Kb / 1P
TERMINAL
H2474-01 HARWIN-H2474-01 Datasheet
66Kb / 1P
TERMINAL
H2475-01 HARWIN-H2475-01 Datasheet
70Kb / 1P
TERMINAL
H2122-01 HARWIN-H2122-01 Datasheet
64Kb / 1P
TERMINAL
logo
List of Unclassifed Man...
TAB-ON ETC1-TAB-ON Datasheet
254Kb / 7P
TERMINAL
logo
Japan Automatic Machine...
JC-0810-14Z JAM-JC-0810-14Z Datasheet
38Kb / 1P
Terminal
05.12.12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com