Electronic Components Datasheet Search
  English  ▼

X  

CL1422 Datasheet(PDF) 2 Page - Electronic Components Ltd.

Part # CL1422
Description  JACK SOCKET NUTS AND BEZELS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CL1422 Datasheet(HTML) 2 Page - Electronic Components Ltd.

  CL1422 Datasheet HTML 1Page - Electronic Components Ltd. CL1422 Datasheet HTML 2Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CLIFF
JACK SOCKET NUTS AND BEZELS
Cliff Electronic Components Limited,
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Redhill, Surrey
1 2
U.K.
RH
PF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
www.cliffuk.co.uk
üRoHS
For further information, contact sales@cliffuk.co.uk
C 1422
L
- GREY BEZEL FOR S4 JACK SOCKET
C 142
L
3 - WHITE BEZEL FOR S4 JACK SOCKET
C 142
L
4 - BLUE BEZEL FOR S4 JACK SOCKET
C 142
L
5 - YELLOW BEZEL FOR S4 JACK SOCKET
C 142
L
6 - BROWN BEZEL FOR S4 JACK SOCKET
C 142
L
8 - GREEN BEZEL FOR S4 JACK SOCKET
C 1432
L
- BLACK BEZEL FOR S4 JACK SOCKET
C 14
L
30 - RED BEZEL FOR S4 JACK SOCKET
Coloured plastic bezels for use with our range of S4 6.35mm Jack Sockets.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com