Electronic Components Datasheet Search
  English  ▼

X  

HVR2 Datasheet(PDF) 5 Page - Radiometrix Ltd

Part # HVR2
Description  UHF Narrow Band FM Vibration Resistant Multi Channel Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

HVR2 Datasheet(HTML) 5 Page - Radiometrix Ltd

  HVR2 Datasheet HTML 1Page - Radiometrix Ltd HVR2 Datasheet HTML 2Page - Radiometrix Ltd HVR2 Datasheet HTML 3Page - Radiometrix Ltd HVR2 Datasheet HTML 4Page - Radiometrix Ltd HVR2 Datasheet HTML 5Page - Radiometrix Ltd HVR2 Datasheet HTML 6Page - Radiometrix Ltd HVR2 Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Radiometrix Ltd
HVR2 Data Sheet
page 5
Condensed specifications
Frequency
433.05-434.775MHz
Frequency stability
±1.5kHz
Channel spacing
25kHz
Number of channels
32 channels selected via RS232 interface
or 16 channels by parallel port
Operating temperature
-10 C to +60 C (Storage -30 C to +70 C)
Spurious radiations
Compliant with ETSI EN 300 220-3 and EN 301 489-3
Interface
User
5pin 0.1" pitch molex
Channel
4pin 0.1" pitch molex
RF
2pin 0.1" pitch molex
Sensitivity
-112dBm for 1 part per 1000 BER
-120dBm for 12 dB SINAD
S/N ratio
25dB (min), 30dB (typ) on AF output
AF bandwidth (-3dB)
4kHz
image / spurious / adjacent channel
<-55dB
Blocking
<-85dB
LO re-radiation
<-60dBm
Supply
Voltage
3.7V – 15V
Current
30mA
Outputs
RSSI, audio, data
Size
50 x 30 x 10mm
Channel to channel hop
<5ms
Power on to valid audio
<10ms
Power on to stable data out
(50:50 mark / space)
<10ms
Notes:
1. The data slicer cannot be depended upon for data waveform frequencies below 250Hz
2. When RX is on and a transmitter keys up, again a 10ms period is required to stabilise data
output mark/space. i.e. allow at least 10ms of preamble
The high vibration resistant HVR2 receiver differ from the Low Cost RLC2 receiver in the
following key features:
HVR2
RLC2
Footprint
Industry standard
Industry standard
Frequency band
433.05 – 434.775MHz
433 - 435 MHz
Channels
32 serial, 16 parallel
32 parallel/serial
Parallel channel select
4 pins
4 pins (and 1 jumper link)
SAW front end filter
Yes
Yes
Supply
3.7V-15, 30mA
3.7V-15, 18mA
Spurii
<-55dB
<-60dB
Sensitivity
-120dBm
-120dBm
Ultimate S/N
25dB (min), 30dB (typical)
35dB (min), 40dB (typical)
Start up time (preamble)
<10ms
~50ms
Channel to channel hop
<5ms
~25ms
Reprogramming (frequency)
Limited
Full
Vibration resistant
High, up to 500Hz
Limited
Local Oscillator
Direct Digital Synthesiser (DDS)
Voltage controlled (VCO)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com