Electronic Components Datasheet Search
  English  ▼

X  

CP303010 Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # CP303010
Description  XRP RECESS PLATES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CP303010 Datasheet(HTML) 1 Page - Electronic Components Ltd.

  CP303010 Datasheet HTML 1Page - Electronic Components Ltd. CP303010 Datasheet HTML 2Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CLIFF
Cliff Electronic Components Limited,
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Redhill, Surrey
1 2
U.K.
RH
PF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
www.cliffuk.co.uk
üRoHS
©
04/18
.2
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
XRP RECESS PLATES
CP303075 - XRP3 with S6/BB 3.5mm Mono Jack Socket - CSK Hole
C
X
P303075
- XRP3 with S6/BB 3.5mm Mono Jack Socket - Plain Hole
The Cliff range of XLR Recess plates enable the easy mounting of components into panels, using
standard Ø24mm XLR panel cutout. Plates can be front or rear mounted. Plate material is Nylon.
CP303010 - XRP3 with Black 30A. T
Terminal Post. 4mm cross hole. CSK Hole
P6
C
10X
P3030
- XRP3 with Black 30A. T
Terminal Post. 4mm cross hole. Plain Hole
P6
CP303011 - XRP3 with Red 30A. T
Terminal Post. 4mm cross hole. CSK Hole
P6
C
11X
P3030
- XRP3 with Red 30A. T
Terminal Post. 4mm cross hole. Plain Hole
P6
Plate mounted with 30A. Terminal Post
Plate mounted with 3.5mm Jack Socket


Similar Part No. - CP303010

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CP303010 CLIFF-CP303010 Datasheet
362Kb / 2P
XRP RECESS PLATES
CP303010X CLIFF-CP303010X Datasheet
362Kb / 2P
XRP RECESS PLATES
CP303010 CLIFF-CP303010_V01 Datasheet
362Kb / 2P
XRP RECESS PLATES
More results

Similar Description - CP303010

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
160X01879A CONEC-160X01879A Datasheet
59Kb / 1P
COVER PLATES
logo
Cree, Inc
LR6-DR650 CREE-LR6-DR650 Datasheet
506Kb / 2P
Deep Recess LED Downlight
LR6-DR1000 CREE-LR6-DR1000 Datasheet
516Kb / 2P
Deep Recess LED Downlight
logo
Fair-Rite Products Corp...
2644246201 FAIR-RITE-2644246201 Datasheet
596Kb / 2P
Connector EMI Suppression Plates
2644236401 FAIR-RITE-2644236401 Datasheet
597Kb / 2P
Connector EMI Suppression Plates
2644236101 FAIR-RITE-2644236101 Datasheet
598Kb / 2P
Connector EMI Suppression Plates
2644373841 FAIR-RITE-2644373841 Datasheet
597Kb / 2P
Connector EMI Suppression Plates
2644247001 FAIR-RITE-2644247001 Datasheet
595Kb / 2P
Connector EMI Suppression Plates
logo
SICK AG
BEF-WN-DX50 SICK-BEF-WN-DX50 Datasheet
313Kb / 4P
Mounting brackets and plates
logo
Electronic Components L...
XRP CLIFF-XRP Datasheet
286Kb / 2P
XRP CUSTOMIZABLE RECESSED SOCKET PLATES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com