Electronic Components Datasheet Search
  English  ▼

X  

FC68145S Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # FC68145S
Description  SMD DC SOCKETS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

FC68145S Datasheet(HTML) 1 Page - Electronic Components Ltd.

  FC68145S Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
Cliff Electronic Components Limited,
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Redhill, Surrey
1 2
U.K.
RH
PF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
www.cliffuk.co.uk
üRoHS
©
10/16
.4
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
Designed for surface mounting assembly.
Available as discrete or taped / reeled parts.
Characteristics are similar to our versions with
through hole legs. Supplied loose (STD) or taped
in 1000 / Reel (to order).
Specification (All models)
Insertion / Withdrawal force: 0.3 - 2.0 kgf
Contact Resistance:
(4 terminal method 1KHz @ <100mA)
Initial - Plug / Contact
<50m
W
Contact / Shunt
<30m
W
After life test - Plug / Contact
<100m
W
Contact / Shunt
<60m
W
Electrical Rating:
DC10 - 2A / 12V
DC8 - 1A / 12V
DC-8S 1.3mm Pin
Part No. FC68145S
Taped FC68145ST
SMD DC SOCKETS
DC-10AS 2.1mm Pin
Part No. FC68148S
DC-10BS 2.5mm Pin
Part No. FC68149S
Add Suffix ‘T’ for taped.
SCHEMATIC - ALL MODELS


Similar Part No. - FC68145S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FC68145S ETC2-FC68145S Datasheet
502Kb / 1P
SMD DC SOCKETS
logo
Electronic Components L...
FC68145S CLIFF-FC68145S Datasheet
122Kb / 1P
SMD DC SOCKETS
FC68145ST CLIFF-FC68145ST Datasheet
122Kb / 1P
SMD DC SOCKETS
More results

Similar Description - FC68145S

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
ICS628T ADAM-TECH-ICS628T Datasheet
117Kb / 1P
IC SOCKETS SINGLE & DUAL ROW SOCKETS
PLCC-20-AT ADAM-TECH-PLCC-20-AT Datasheet
128Kb / 2P
PLCC SOCKETS
logo
Dubilier
DBCPJ02021 DUBILIER-DBCPJ02021 Datasheet
200Kb / 1P
AUDIO PCB RIGHT ANGLED DC SOCKETS
DBCPJ02041 DUBILIER-DBCPJ02041 Datasheet
151Kb / 1P
AUDIO PCB STRAIGHT DC SOCKETS
logo
Assmann Electronics Inc...
A-CCSXX-X-XXX-R ASSMANN-A-CCSXX-X-XXX-R Datasheet
146Kb / 1P
CHIP-CARRIER-SOCKETS,SMD
logo
List of Unclassifed Man...
9148 ETC1-9148 Datasheet
44Kb / 1P
Extension Sockets
logo
Grayhill, Inc
22-16-2 GRAYHILL-22-16-2 Datasheet
36Kb / 1P
Sockets
logo
Dubilier
DBCPJ02021 DUBILIER-DBCPJ02021_11 Datasheet
415Kb / 3P
AUDIO PCB RIGHT ANGLED DC SOCKETS
logo
List of Unclassifed Man...
FC68145S ETC2-FC68145S Datasheet
502Kb / 1P
SMD DC SOCKETS
logo
Littelfuse
OT08PC LITTELFUSE-OT08PC Datasheet
210Kb / 1P
SOCKETS
2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com