Electronic Components Datasheet Search
  English  ▼

X  

MULTIPORTHARDSEAT Datasheet(PDF) 1 Page - NOSHOK, INC.

Part # MULTIPORTHARDSEAT
Description  Multiport, Hard Seat
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

MULTIPORTHARDSEAT Datasheet(HTML) 1 Page - NOSHOK, INC.

  MULTIPORTHARDSEAT Datasheet HTML 1Page - NOSHOK, INC. MULTIPORTHARDSEAT Datasheet HTML 2Page - NOSHOK, INC. MULTIPORTHARDSEAT Datasheet HTML 3Page - NOSHOK, INC. MULTIPORTHARDSEAT Datasheet HTML 4Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
22
• Multiport design reduces the number of gauge and other instrument
connections to permanent piping installations, decreasing possible
leak paths
• Optional bleed plugs further allow pressure to be bled off without disturbing
the permanent piping installation
• 100% helium leak tested to 1 x 10-4 ml/s for performance and reliability
• Blow-out proof stem provides a secondary stem seal in the full
open position
• FKM o-ring seal and PTFE back-up ring below the stem threads to
protect from corrosion and galling; PTFE or Graphite packing optional
• All stem threads are rolled for strength and ease of operation
• One-piece bonnet with a metal-to-metal seal to the valve body below the
bonnet threads
• Slotted spring pin to prevent accidental loosening
• Vinyl dust cap for bonnet and stem (non-packing)
200
200 SERIES
Multiport, Hard Seat
Needle V alves
Note: Shown with optional bleed plug.
NOTE: All NOSHOK valve products conform to the MSS SP-99 instrument valves standards, and valves supplied with packing
also conform to MSS SP-132 compression packing systems for instrument valves standard.
Multiport Valve Accesssories
Bleed Plug,
see pg. 65 for details.
Plug,
see pg. 65 for details.
Bleed Valve
See pg. 48 for details.
Materials
Zinc-Nickel plated Steel, electropolished
316 Stainless Steel*
Connections
1/2" NPT to 3/4" NPT Male-female
Pressure rating**
10,000 psi @ 200 °F
Orifice size
0.187"
Flow coefficient
CV 0.44
Stem seal & type
All 316 Stainless Steel stems with FKM o-ring and
PTFE back-up ring below the threads, PTFE or
Graphite packing optional
Options
Panel mountings, o-ring materials, handles,
packings, regulating stem and stem tips
Weight
Approximately 2.2 lb.
SPECIFICATIONS
* All 316SS products meet the requirements of NACE MR0175/ISO 15156-3.
** If a packing option is chosen, maximum pressure rating is 6,000 psi.
Refer to the "Pressure vs. Temperature: Packing Style with Compatible Fluid"
chart at the back of this catalog.
WARNING: This product can expose you to chemicals including Lead and Nickel, which are known to the State of California to cause cancer
and birth defects or other reproductive harm. For more information go to www.P65Warnings.ca.gov
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472


Similar Part No. - MULTIPORTHARDSEAT

ManufacturerPart #DatasheetDescription
logo
NOSHOK, INC.
MULTIPORTSOFTSEAT NOSHOK-MULTIPORTSOFTSEAT Datasheet
352Kb / 4P
Multiport, Soft Seat
More results

Similar Description - MULTIPORTHARDSEAT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0084UCMCL LITTELFUSE-P0084UCMCL Datasheet
168Kb / 3P
Multiport MicroCapacitance
P1556U_L LITTELFUSE-P1556U_L Datasheet
172Kb / 3P
Multiport Balanced SIDACtor
P0641U_L LITTELFUSE-P0641U_L Datasheet
159Kb / 3P
Multiport SLIC Protector
logo
ADL Embedded Solutions
MSM8C104EX ADL-MSM8C104EX Datasheet
218Kb / 1P
Multiport COM Board
logo
Littelfuse
P1101UCLRP LITTELFUSE-P1101UCLRP Datasheet
165Kb / 3P
Multiport SLIC Protector
logo
Motorola, Inc
MC14580B MOTOROLA-MC14580B Datasheet
234Kb / 7P
4x4 Multiport Register
logo
Festo Corporation.
8060515 FESTO-8060515 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8060520 FESTO-8060520 Datasheet
95Kb / 2P
Angle seat valve
6/27/22
8060521 FESTO-8060521 Datasheet
97Kb / 2P
Angle seat valve
6/27/22
8060545 FESTO-8060545 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com