Electronic Components Datasheet Search
  English  ▼

X  

SOFTSEAT Datasheet(PDF) 2 Page - NOSHOK, INC.

Part # SOFTSEAT
Description  Soft Seat (0.375" Orifice)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

SOFTSEAT Datasheet(HTML) 2 Page - NOSHOK, INC.

  SOFTSEAT Datasheet HTML 1Page - NOSHOK, INC. SOFTSEAT Datasheet HTML 2Page - NOSHOK, INC. SOFTSEAT Datasheet HTML 3Page - NOSHOK, INC. SOFTSEAT Datasheet HTML 4Page - NOSHOK, INC. SOFTSEAT Datasheet HTML 5Page - NOSHOK, INC. SOFTSEAT Datasheet HTML 6Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
109
Series......................................................3-valve
Seat...................................................... Soft seat
Process type..................... Differential pressure
Connection............1/2" NPT standard or flange
Valve type......................... Flange-female, Steel
3 5 1 0 – MFC
EXAMPLE
3510
3510 SERIES
To meet all of your specific application requirements, the following additional options are available for these manifold valves. To order all or any of these
options, simply add them to the part number as follows:
* Other o-ring materials available on request.
Please note that the standard o-ring in all the NOSHOK valves is FKM and the standard handles are isolation “T” handles (HL8) and
equalizing “T” handles (HL2).
The handle material will always match the material of the valve, unless otherwise specified. For example, the “T” handle on the 3510-MFC
will be Steel. When only the standard configuration is needed, no additional designations are necessary. Please consult the factory for special
application requests.
Series..........................................................3-valve
Seat.......................................................... Soft seat
Process type......................... Differential pressure
Connection................1/2" NPT standard or flange
Valve type............................. Flange-female, Steel
Soft seat .......................................................PEEK
O-ring............................................................FFKM
3 5 1 0 – MFC – PK1 – KZ1
EXAMPLE with Additional Options
ORDERING
INFORMATION
SERIES
3 3-valve
SEAT
5 Soft seat, 0.375" orifice
PROCESS TYPE
1 Differential pressure
CONNECTION
0 1/2" NPT standard or flange
VALVE TYPES
MFC Flange-Female, Steel
MFS Flange-Female, Stainless Steel
MMC Flange-Flange, Steel
FFC Female-Female, Steel
FFS Female-Female, Stainless Steel
MMS Flange-Flange, Stainless Steel
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.
ORDERING INFORMATION - ADDITIONAL OPTIONS
SOFT SEATS
PK1 PEEK
KF1 PCTFE
O-RINGS*
EM1 EPDM
KZ1 FFKM (Perfluoroelastomer)
NB1 NBR
HANDLES
HL3 1" Round knurled
HL4 1-3/8" Phenolic
HL5 1-3/4" Phenolic
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com