Electronic Components Datasheet Search
  English  ▼

X  

M74HCT138 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HCT138
Description  3 TO 8 LINE DECODER INVERTING
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT138 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HCT138 Datasheet HTML 1Page - STMicroelectronics M74HCT138 Datasheet HTML 2Page - STMicroelectronics M74HCT138 Datasheet HTML 3Page - STMicroelectronics M74HCT138 Datasheet HTML 4Page - STMicroelectronics M74HCT138 Datasheet HTML 5Page - STMicroelectronics M74HCT138 Datasheet HTML 6Page - STMicroelectronics M74HCT138 Datasheet HTML 7Page - STMicroelectronics M74HCT138 Datasheet HTML 8Page - STMicroelectronics M74HCT138 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
M54HCT138
M74HCT138
February 1993
3 TO 8 LINE DECODER (INVERTING)
B1R
(Plastic Package)
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
INPUT AND OUTPUT EQUIVALENT CIRCUIT
ORDER CODES :
M54HCT138F1R
M74HCT138M1R
M74HCT138B1R
M74HCT138C1R
DESCRIPTION
.
HIGH SPEED
tPD = 16 ns (TYP.) at VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µAAT TA =25 °C
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL
.
COMPATIBLE WITH TTL OUTPUTS
VIH = 2V (MIN.) VIL = 0.8V (MAX)
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS138
The M54/74HC138 is a high speed CMOS 3 TO 8
LINE DECODER fabricated in silicon gate C
2MOS
technology. It has the same high speed perform-
ance of LSTTL combined with true CMOS low power
consumption. If the device is enabled, 3 binary se-
lect inputs (A, B and C) determine which one of the
outputs will go low. If enable input G1 is held low or
either G2A or G2B is held high, the decoding func-
tion is inhibited and all the 8 outputs go high. Three
enable inputs are provided to ease cascade connec-
tion and application of address decoders for mem-
ory systems. All inputs are equipped with protection
circuits against static discharge and tran- sient ex-
cess voltage.This integrated circuit has input and
output characteristics that are fully compatible with
54/74 LSTTL logic families. M54/74HCT devices
are designed to directly interface HSC
2MOS sys-
tems with TTL and NMOS components. They are
also plug in replacements for LSTTL devices giving
a reduction of power consumption.
1/10


Similar Part No. - M74HCT138

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT138 STMICROELECTRONICS-M74HCT138 Datasheet
286Kb / 9P
3 TO 8 LINE DECODER (INVERTING)
Aug-2001
M74HCT138B1R STMICROELECTRONICS-M74HCT138B1R Datasheet
286Kb / 9P
3 TO 8 LINE DECODER (INVERTING)
Aug-2001
M74HCT138M1R STMICROELECTRONICS-M74HCT138M1R Datasheet
286Kb / 9P
3 TO 8 LINE DECODER (INVERTING)
Aug-2001
M74HCT138RM13TR STMICROELECTRONICS-M74HCT138RM13TR Datasheet
286Kb / 9P
3 TO 8 LINE DECODER (INVERTING)
Aug-2001
M74HCT138TTR STMICROELECTRONICS-M74HCT138TTR Datasheet
286Kb / 9P
3 TO 8 LINE DECODER (INVERTING)
Aug-2001
More results

Similar Description - M74HCT138

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC138 STMICROELECTRONICS-74AC138 Datasheet
275Kb / 10P
3 TO 8 LINE DECODER INVERTING
Apr-2001
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
79Kb / 8P
3 TO 8 LINE DECODER INVERTING
Apr-2001
74VHC138 STMICROELECTRONICS-74VHC138 Datasheet
65Kb / 8P
3 TO 8 LINE DECODER INVERTING
Jun-1999
M74HCT138 STMICROELECTRONICS-M74HCT138 Datasheet
286Kb / 9P
3 TO 8 LINE DECODER (INVERTING)
Aug-2001
74AC138M STMICROELECTRONICS-74AC138M Datasheet
286Kb / 10P
3 TO 8 LINE DECODER (INVERTING)
Apr-2001
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
286Kb / 10P
3 TO 8 LINE DECODER (INVERTING)
April 2001
M74HC138 STMICROELECTRONICS-M74HC138 Datasheet
283Kb / 10P
3 TO 8 LINE DECODER (INVERTING)
Jul-2001
74LVQ138 STMICROELECTRONICS-74LVQ138_04 Datasheet
321Kb / 12P
3 TO 8 LINE DECODER (INVERTING)
29-Jul-2004
74VHC138 STMICROELECTRONICS-74VHC138_04 Datasheet
319Kb / 12P
3 TO 8 LINE DECODER (INVERTING)
12-Nov-2004
74VHCT138A STMICROELECTRONICS-74VHCT138A_04 Datasheet
304Kb / 12P
3 TO 8 LINE DECODER (INVERTING)
16-Dec-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com